Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR360
Description  Schottky Rectifier, 3 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR360 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR360 Datasheet HTML 1Page - Vishay Siliconix MBR360 Datasheet HTML 2Page - Vishay Siliconix MBR360 Datasheet HTML 3Page - Vishay Siliconix MBR360 Datasheet HTML 4Page - Vishay Siliconix MBR360 Datasheet HTML 5Page - Vishay Siliconix MBR360 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 95242
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial DO-201AD (C-16)
DIMENSIONS in millimeters (inches)
21.0 (0.83) MIN.
(2 places)
10.0 (0.39)
MAX.
Ø 5.8 (0.23)
MAX.
10.0 (0.39)
MAX.
Ø 5.8 (0.23)
MAX.
21.0 (0.83) MIN.
(2 places)
2.54 (0.100) MAX.
Flash (2 places)
Ø 1.40 (0.055)
Ø 1.20 (0.047)
(2 places)
Ø 1.40 (0.055)
Ø 1.20 (0.047)
(2 places)
Cathode band



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com