Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR360
Description  Schottky Rectifier, 3 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR360 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR360 Datasheet HTML 1Page - Vishay Siliconix MBR360 Datasheet HTML 2Page - Vishay Siliconix MBR360 Datasheet HTML 3Page - Vishay Siliconix MBR360 Datasheet HTML 4Page - Vishay Siliconix MBR360 Datasheet HTML 5Page - Vishay Siliconix MBR360 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-MBR350, VS-MBR350-M3, VS-MBR360, VS-MBR360-M3
www.vishay.com
Vishay Semiconductors
Revision: 13-Oct-11
1
Document Number: 93450
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 3 A
FEATURES
• Low profile, axial leaded outline
• Very low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for commercial level
• Halogen-free according to IEC 61249-2-21 definition
(-M3 only)
DESCRIPTION
The VS-MBR350..., VS-MBR350 axial leaded Schottky
rectifier has been optimized for very low forward voltage
drop, with moderate leakage. Typical applications are in
switching power supplies, converters, freewheeling diodes,
and reverse battery protection.
PRODUCT SUMMARY
Package
DO-201AD (C-16)
IF(AV)
3 A
VR
50 V, 60 V
VF at IF
0.64 V
IRM max.
15 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
5.0 mJ
Cathode
Anode
C-16
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.0
A
VRRM
50/60
V
IFSM
tp = 5 μs sine
460
A
VF
3 Apk, TJ = 25 °C
0.73
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBR350
VS-MBR350-M3
VS-MBR360
VS-MBR360-M3
UNITS
Maximum DC reverse voltage
VR
50
50
60
60
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TL = 50 °C, rectangular waveform
3.0
A
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
460
10 ms sine or 6 ms rect. pulse
80
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 10 mH
5.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by, TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - MBR360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR360 MOTOROLA-MBR360 Datasheet
75Kb / 4P
Surface Mount Schottky Power Rectifier
logo
International Rectifier
MBR360 IRF-MBR360 Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR360 ONSEMI-MBR360 Datasheet
57Kb / 4P
Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Motorola, Inc
MBR360 MOTOROLA-MBR360 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR360 ONSEMI-MBR360 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
More results

Similar Description - MBR360

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
Schottky Rectifier, 3 A
11-Jun-08
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
Schottky Rectifier, 3 A
16-Apr-08
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
Schottky Rectifier, 3 A
04-Mar-10
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
Schottky Rectifier, 3 A
04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
Schottky Rectifier, 3 A
10-Sep-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
Schottky Rectifier, 3 A
19-Sep-11
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
Schottky Rectifier, 3 A
23-May-14
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
Schottky Rectifier, 3 A
04-Mar-10
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
Schottky Rectifier, 3 A
13-Oct-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
Schottky Rectifier, 3 A
04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com