Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79L05F Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM79L05F
Description  SOT-89 Encapsulate Three Terminal Voltage Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM79L05F Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM79L05F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
C0
0.1µF
SOT-89 Encapsulate Three Terminal Voltage Regulator
LM79L05F Three-terminal negative voltage regulator
FEATURES
Maximum Output current
IOM:
0.1
A
Output voltage
Vo:
-5
V
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
V i
-30
V
Operating Junction Temperature Range
TOPR
0~+125
℃
Storage Temperature Range
TSTG
-55~+150
℃
ELECTRICAL CHARACTERISTICS (VI=-10V,Io=40mA,0
℃<Tj<125℃,C1=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
℃
-4.8
-5.0
-5.2
V
-7V≤V l≤-20V, Io=1mA~40mA
-4.75
-5.0
-5.25
V
Output voltage
Vo
-7V≤V l≤VMAX, Io=1mA~70mA
-4.75
-5.0
-5.25
V
(note)
Tj=25
℃, Io=1mA~100mA
11
60
mV
Load Regulation
∆Vo
Tj=25
℃, Io=1mA~40mA
5.0
30
mV
-7V≤V l≤-20V, Tj=25
℃
32
150
mV
Line regulation
∆Vo
-8V≤V l≤-20V, Tj=25
℃
26
100
mV
Quiescent Current
Iq
25ºC
3.8
6
mA
∆Iq
-8V≤V l≤-20V
1.5
mA
Quiescent Current Change
∆Iq
1mA≤V l≤40mA
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
42
uV
Ripple Rejection
RR
-8V≤V l≤-18V,f=120Hz,Tj=25
℃
41
49
dB
Dropout Voltage
Vd
Tj=25
℃
1.7
V
TYPICAL APPLICATION
vi
3
1
Vo
UTC
C1
0.33µF
Note 1: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possible to the regulators.
SOT-89
1. GND
2. IN
3. OUT
1
2
3
LM79L05
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM79L05F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM79L05F HTC-LM79L05F Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM79L05F

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05F TGS-LM78L05F Datasheet
245Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
LM78L08F TGS-LM78L08F Datasheet
382Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L06-SOT-89 WINNERJOIN-WEJ78L06-SOT-89 Datasheet
154Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
ZP Semiconductor
CJ78L05M ZPSEMI-CJ78L05M Datasheet
1Mb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L08-3L ZPSEMI-CJ78L08-3L Datasheet
481Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
CJ78L09-SOT89-3L ZPSEMI-CJ78L09-SOT89-3L Datasheet
444Kb / 1P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L12-SOT89-3L ZPSEMI-CJ78L12-SOT89-3L Datasheet
792Kb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulator
CJ78L18-SOT89-3L ZPSEMI-CJ78L18-SOT89-3L Datasheet
387Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
logo
Jiangsu High diode Semi...
HD75L05-SOT-89-3L HDSEMI-HD75L05-SOT-89-3L Datasheet
3Mb / 4P
SOT-89-3L Encapsulate Three-terminal Voltage Regulator
logo
Shenzhen Tuofeng Semico...
78L05 TUOFENG-78L05_V01 Datasheet
960Kb / 3P
SOT-89 Encapsulate Three Terminal Voltage Regulator
Jan,2019 V1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com