Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2TO35 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D2TO35
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO35 Datasheet(HTML) 2 Page - Vishay Siliconix

  D2TO35 Datasheet HTML 1Page - Vishay Siliconix D2TO35 Datasheet HTML 2Page - Vishay Siliconix D2TO35 Datasheet HTML 3Page - Vishay Siliconix D2TO35 Datasheet HTML 4Page - Vishay Siliconix D2TO35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 51058
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 19-Jul-11
23
D2TO35
Surface Mounted Power Resistor
Thick Film Technology
Vishay Sfernice
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
The temperature of the case should be maintained within the
limits specified.
MECHANICAL SPECIFICATIONS
Mechanical Protection
Molded
Resistive Element
Thick film
Substrate
Alumina
Connections
Tinned copper
Weight
2.2 g max.
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to 175 °C
Flammability
IEC 60695-11-5
2 applications 30 s
separated by 60 s
DIMENSIONS
Standard Package
TO-263 style
(D2PAK)
100
75
50
25
0
CASE TEMPERATURE IN °C
120
0
20
40
60
80
100
120
140
160
175
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
IEC 60115-1 §4.13
1.7 Pr 5 s for R < 2 
1.4 Pr 5 s for R  2 
US < 1.5 UL
± (0.25 % + 0.005
)
Rapid Temperature Change
IEC 60115-1
Test Na
5 cycles - 1 h
- 55 °C to + 175 °C
± (0.5 % + 0.005
)
Load Life
IEC 60115-1
1000 h at + 25 °C
± (1 % + 0.005
)
Humidity (Steady State)
IEC 60115-1
IEC 60068-2-3
Test Ca: 56 days RH 95 %
± (0.5 % + 0.005
)
Vibration
MIL STD 202
Method 204 - Test D
10 to 2000 Hz
± (0.2 % + 0.005
)
Terminal Strength
IEC 60115-1
Test Ua1/Tensile: 20 N/10 s
± (0.2 % + 0.005
)
Shock
IEC 60115-1
IEC 60068-2-27
Saw-tooth: 100 gn/6 ms
± (0.5 % + 0.005
)
ASSEMBLY SPECIFICATIONS
For the assembly on board, we recommend the lead (Pb)-free thermal profile as per J-STD-020C
TESTS
CONDITIONS
REQUIREMENTS
Resistance to Soldering Heat
IEC 60115-1
IEC 60068-2-58
Solder bath method: 270 °C/10 s
± (0.5 % + 0.005
)
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020C
85 °C/85 % RH/168 h
Level: 1
+ pass requirements of TCR
overload and dielectic strength after MSL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com