Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2TO35 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # D2TO35
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO35 Datasheet(HTML) 4 Page - Vishay Siliconix

  D2TO35 Datasheet HTML 1Page - Vishay Siliconix D2TO35 Datasheet HTML 2Page - Vishay Siliconix D2TO35 Datasheet HTML 3Page - Vishay Siliconix D2TO35 Datasheet HTML 4Page - Vishay Siliconix D2TO35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 51058
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 19-Jul-11
25
D2TO35
Surface Mounted Power Resistor
Thick Film Technology
Vishay Sfernice
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Repetitive or Superimposed Pulses:
The following formula is used to calculate the “equivalent“ energy of a repetitive pulse or the “equivalent energy“ of a pulse on a
resistor that is already dissipating power.
with:
Ec (J): Equivalent pulse energy
E (J):
Known pulse energy
Pr:
Resistor power rating
Pa:
Mean power being dissipated
The energy calculated must be less than that allowed by the graph and the average power dissipated (Pa) must not exceed the
continuous power of resistor.
PACKAGING
 Reel
Tube
Tape dimensions (mm) for reel:
MARKING
Model, style, resistance value (in
), tolerance (in %), manufacturing date, Vishay Sfernice trademark
E
c
E x 1
P
a
P
r
------
+


=
ORDERING INFORMATION
D2TO
35
C
100 k
± 1 %
XXX
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE
VALUE
TOLERANCE
CUSTOM DESIGN
LEAD (Pb)-FREE
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Optional on request:
Shape, etc
SAP PART NUMBERING GUIDELINES
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
D2TO
035
C = Surface mount
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R70 = 48.7
48701 = 48 700
10002 = 100 000
R0100 = 0.01
R6800 = 0.68

27000 = 2700
 = 2.7 k
F = 1 %
G = 2 %
J = 5 %
K = 10 %
R = Reel 500 pieces
T = Tube 50 pieces
E3 = Pure tin
16
10.6
15.8
24
4.9
03
5
C
R
2
0
0
R
3
T
D
O
2
0K
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com