Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4199B Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CD4199B
Description  100 Amperes / Up to 1600 Volts Dual & Single Diode Isolated Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4199B Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CD4199B Datasheet HTML 1Page - Powerex Power Semiconductors CD4199B Datasheet HTML 2Page - Powerex Power Semiconductors CD4199B Datasheet HTML 3Page - Powerex Power Semiconductors CD4199B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, PA 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual & Single Diode Isolated Module
100 Amperes / Up to 1600 Volts
Revision Date: 04/18/2011
CD41__99B, CN41__99B
CS41__99B
Outline Dimensions
Dimension
Inches
Millimeters
A
3.66
93
B
0.79
20
C
3.15
80
D
1.18
30
F
0.61
15.5
G
0.79
20
H
0.79
20
M
1.16
29.4
N
0.31
8
P
0.94
24
T
0.25
6.4
U
M5
M5
Note: Dimensions are for reference only.
CD41__99B, CN41__99B
CS41__99B
Dual & Single Diode Isolated
POW-R-BLOK
TM Module
100 Amperes / Up to 1600 Volts
Ordering Information:
Select the complete nine digit module
part number from the table below.
Example: CD411699B is a 1600 Volt,
100 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD41
CN41
CS41
08
12
14
16
99
(100 A)
B
Description:
Powerex Dual Diode & Single Diode
Modules are designed for use in
applications requiring rectification and
isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
 Electrically Isolated Heatsinking
 DBC Alumina (Al2O3) Insulator
 Copper Baseplate
 Low Thermal Impedance
for Improved Current Capability
 UL Recognized (E78240)
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
 Power Supplies
 Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Large IGBT Circuit Front Ends
 Lighting Control
 Heat & Temperature Control
 Welders
OUTLINE DRAWING
G
H
F
B
A
"U" THREAD
T
C
P
N
D
M
~
CS41
2
2
CN41
3
1
-
3
-
2
CD41
3
1
-
CONNECTION DIAGRAMS


Similar Part No. - CD4199B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
logo
Schurter Inc.
CD41.1501.151 SCHURTER-CD41.1501.151 Datasheet
571Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD41.4501.151 SCHURTER-CD41.4501.151 Datasheet
571Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
Compensated Deuices Inc...
CD4100 CDI-DIODE-CD4100 Datasheet
113Kb / 2P
ZENER DIODE CHIPS
CD4101 CDI-DIODE-CD4101 Datasheet
113Kb / 2P
ZENER DIODE CHIPS
More results

Similar Description - CD4199B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
CD4260A POWEREX-CD4260A Datasheet
106Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD61 POWEREX-CD61 Datasheet
101Kb / 5P
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
LD4250 POWEREX-LD4250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
ND4725 POWEREX-ND4725 Datasheet
105Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
CD6116B POWEREX-CD6116B Datasheet
127Kb / 4P
160 Amperes / Up to 2200 Volts Dual & Single Diode Isolated Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com