Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4199B Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD4199B
Description  100 Amperes / Up to 1600 Volts Dual & Single Diode Isolated Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4199B Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD4199B Datasheet HTML 1Page - Powerex Power Semiconductors CD4199B Datasheet HTML 2Page - Powerex Power Semiconductors CD4199B Datasheet HTML 3Page - Powerex Power Semiconductors CD4199B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, PA 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual & Single Diode Isolated Module
100 Amperes / Up to 1600 Volts
Revision Date: 04/18/2011
CD41__99B, CN41__99B
CS41__99B
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1800V, TJ=150°C
10
mA
Peak On-State Voltage
VFM
TJ=25°C, IFM=300A, 180° Conduction
1.35
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(FO)1
rT1
TJ = 150°C, I = 16.7% x IF(AV) to IF(AV)
0.85
1.3
V
m
Ω
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.175
0.35
°C/W
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.1
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com