Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3045BP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT3045BP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3045BP Datasheet(HTML) 1 Page - Vishay Siliconix

  VT3045BP Datasheet HTML 1Page - Vishay Siliconix VT3045BP Datasheet HTML 2Page - Vishay Siliconix VT3045BP Datasheet HTML 3Page - Vishay Siliconix VT3045BP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VT3045BP
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-12
1
Document Number: 89447
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Trench MOS Barrier Schottky Rectifier
for PV Solar Cell Bypass Protection
Ultra Low VF = 0.30 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS Directive 2011/65/EU
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For use in solar cell junction box as a bypass diode for
protection, using DC forward current without reverse bias.
MECHANICAL DATA
Case: TO-220AC
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
Notes
(1) With heatsink
(2) Meets the requirements of IEC 61215 ed.2 bypass diode thermal test
PRIMARY CHARACTERISTCS
IF(DC)
30 A
VRRM
45 V
IFSM
200 A
VF at IF = 30 A
0.51 V
TOP max. (AC mode)
150 °C
TJ max. (DC forward current)
200 °C
TO-220AC
TMBS®
CASE
PIN 2
PIN 1
1
2
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3045BP
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum DC forward bypassing current (fig. 1)
IF(DC) (1)
30
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Operating junction temperature range (AC mode)
TOP
- 40 to + 150
°C
Junction temperature in DC forward current
without reverse bias, t
 1 h
TJ (2)
200
°C


Similar Part No. - VT3045BP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3045BP VISHAY-VT3045BP Datasheet
109Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
10-May-16
VT3045BP VISHAY-VT3045BP_15 Datasheet
105Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.30 V at IF = 5 A
05-Nov-13
VT3045BP VISHAY-VT3045BP_15 Datasheet
103Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
05-Nov-13
VT3045BP VISHAY-VT3045BP_V01 Datasheet
109Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
10-May-16
More results

Similar Description - VT3045BP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4045BP VISHAY-VBT4045BP Datasheet
92Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VFT3045BP VISHAY-VFT3045BP Datasheet
84Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VT4045BP VISHAY-VT4045BP Datasheet
115Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
V30DL45BP VISHAY-V30DL45BP_15 Datasheet
115Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
18-Mar-14
VBT3045CBP-M3 VISHAY-VBT3045CBP-M3_15 Datasheet
85Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
30-Apr-13
VFT3045CBP VISHAY-VFT3045CBP_15 Datasheet
83Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VT6045CBP VISHAY-VT6045CBP_15 Datasheet
126Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VFT4045BP VISHAY-VFT4045BP_V01 Datasheet
137Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
19-Mar-18
VBT1045BP-M3 VISHAY-VBT1045BP-M3_V01 Datasheet
87Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
30-Apr-13
VBT2045CBP-M3 VISHAY-VBT2045CBP-M3_V01 Datasheet
104Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 5.0 A
02-Jul-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com