Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3045BP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT3045BP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3045BP Datasheet(HTML) 3 Page - Vishay Siliconix

  VT3045BP Datasheet HTML 1Page - Vishay Siliconix VT3045BP Datasheet HTML 2Page - Vishay Siliconix VT3045BP Datasheet HTML 3Page - Vishay Siliconix VT3045BP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VT3045BP
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-12
3
Document Number: 89447
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Reverse Characteristics
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
100
1000
0.1
1
10
100
Reverse Voltage (V)
10 000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
0.1
1
10
0.01
0.1
1
10
100
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027(0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.603 (15.32)
0.573 (14.55)
PIN
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
0.057 (1.45)
0.045 (1.14)
CASE
PIN 2
PIN 1
TO-220AC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com