Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1371
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1371 Datasheet HTML 17Page - Diodes Incorporated ZXLD1371 Datasheet HTML 18Page - Diodes Incorporated ZXLD1371 Datasheet HTML 19Page - Diodes Incorporated ZXLD1371 Datasheet HTML 20Page - Diodes Incorporated ZXLD1371 Datasheet HTML 21Page - Diodes Incorporated ZXLD1371 Datasheet HTML 22Page - Diodes Incorporated ZXLD1371 Datasheet HTML 23Page - Diodes Incorporated ZXLD1371 Datasheet HTML 24Page - Diodes Incorporated ZXLD1371 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
21 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
b) Boost and Buck-Boost modes – the most simple boost/buck-boost circuit is shown in Figure 3
Control in Boost and Buck-boost mode is achieved by
sensing the coil current in the series resistor Rs, connected
between the two inputs of a current monitor within the
control loop block. An output from the control loop drives
the input of a comparator which drives the gate of the
external NMOS switch transistor Q1 via the internal Gate
Driver. When the switch is on, the drain voltage of Q1 is
near zero. Current flows from VIN, via Rs, coil and switch
to ground. This current ramps up until an upper threshold
value is reached (see Figure 4). At this point GATE goes
low, the switch is turned off and the drain voltage increases
to either:
1) the load voltage VLEDS plus the forward
voltage of D1 in Boost configuration,
or
2) the load voltage VLEDS plus the forward voltage
of D1 plus VIN in Buck-boost configuration.
Current flows via Rs, coil, D1 and LED back to VIN (Buck-
boost mode), or GND (Boost mode). When the coil current
has ramped down to a lower threshold value, GATE goes
high, the switch is turned on again and the cycle of events
repeats, resulting in continuous oscillation.
Figure 3. Boost and Buck-boost configuration
The feeback loop adjusts the NMOS switch duty cycle to
stabilize the LED current in response to changes in external
conditions, including input voltage and load voltage. Loop
compensation is achieved by a single external capacitor
C2, connected between SHP and SGND.
Note that in
reality, a load capacitor COUT is used, so that the LED
current waveform shown is smoothed.
The average current in the sense resistor and coil, IRS, is
equal to the average of the maximum and minimum
threshold currents and the ripple current (hysteresis) is
equal to the difference between the thresholds.
The average current in the LED, ILED, is always less than
IRS.
The feedback control loop adjusts the switch duty
cycle, D, to achieve a set point at the sense resistor. This
controls IRS. During the interval tOFF, the coil current flows
through D1 and the LED load. During tON, the coil current
flows through Q1, not the LEDs. Therefore the set point is
modified by D using a gating function to control ILED
indirectly. In order to compensate internally for the effect of
the gating function, a control factor, GI_ADJ is used.
GI_ADJ is set by a pair of external resistors, RGI1 and RGI2.
(Figure 3.) This allows the sense voltage to be adjusted to
an optimum level for power efficiency without significant
error in the LED controlled current.
GI_ADJ =
RGI1
RGI1 +RGI2
Equation 2
(Boost and Buck-boost modes)
The control loop sets the duty cycle so that the sense
resistor current is
IRS=
0.225
RS
GI_ADJ
1-D
VADJ
VREF
Equation 3
(Boost and Buck-boost modes)
Figure 4. Operating waveforms (Boost and
Buck-boost modes)
IRS equals the coil current. The coil is connected only to the switch and the schottky diode. The schottky diode passes the
LED current. Therefore the average LED current is the coil current multiplied by the schottky diode duty cycle, 1-D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com