Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1371
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1371 Datasheet HTML 1Page - Diodes Incorporated ZXLD1371 Datasheet HTML 2Page - Diodes Incorporated ZXLD1371 Datasheet HTML 3Page - Diodes Incorporated ZXLD1371 Datasheet HTML 4Page - Diodes Incorporated ZXLD1371 Datasheet HTML 5Page - Diodes Incorporated ZXLD1371 Datasheet HTML 6Page - Diodes Incorporated ZXLD1371 Datasheet HTML 7Page - Diodes Incorporated ZXLD1371 Datasheet HTML 8Page - Diodes Incorporated ZXLD1371 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
3 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Functional Block Diagram
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated) (Note 3)
Symbol
Parameter
Rating
Unit
VIN
Input supply voltage
-0.3 to 65
V
VAUX
Auxiliary supply voltage
-0.3 to 65
V
VISM
Current monitor input relative to GND
-0.3 to 65
V
VSENSE
Current monitor sense voltage (VIN-VISM)
-0.3 to 5
V
VGATE
Gate driver output voltage
-0.3 to 20
V
IGATE
Gate driver continuous output current
18
mA
VFLAG
Flag output voltage
-0.3 to 40
V
VPWM, VADJ, VTADJ, VGI,
VPWM
Other input pins
-0.3 to 5.5
V
TJ
Maximum junction temperature
150
°C
TST
Storage temperature
-55 to 150
°C
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only; functional
operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be affected by
exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com