Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS101 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 1 Page - Microchip Technology

  DSPIC33FJ06GS101 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 386 page
background image
© 2008-2012 Microchip Technology Inc.
DS70318F-page 1
dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04
Operating Conditions
• 3.0V to 3.6V, -40ºC to +150ºC, DC to 20 MIPS
• 3.0V to 3.6V, -40ºC to +125ºC, DC to 40 MIPS
• 3.0V to 3.6V, -40ºC to +85ºC, DC to 50 MIPS
Core: 16-bit dsPIC33F CPU
• Code-efficient (C and Assembly) architecture
• Two 40-bit wide accumulators
• Single-cycle (MAC/MPY) with dual data fetch
• Single-cycle mixed-sign MUL plus hardware divide
• 32-bit multiply support
Clock Management
• ±2.0% internal oscillator
• Programmable PLLs and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer (WDT)
• Fast wake-up and start-up
Power Management
• Low-power management modes (Sleep, Idle, Doze)
• Integrated Power-on Reset and Brown-out Reset
High-Speed PWM
• Up to four PWM pairs with independent timing
• Dead time for rising and falling edges
• 1.04 ns PWM resolution
• PWM support for:
- DC/DC, AC/DC, Inverters, PFC, and Lighting
• Programmable Fault inputs
• Flexible trigger configurations for ADC conversions
Advanced Analog Features
• ADC module:
- 10-bit resolution with up to 2 Successive Approximation
Register (SAR) converters (4 Msps) and up to six
Sample and Hold (S&H) circuits
- Up to 12 input channels grouped into six conversion
pairs plus two voltage reference monitoring inputs
- Dedicated result buffer for each analog channel
• Flexible and independent ADC trigger sources
Advanced Analog Features (Continued)
• Up to four High-Speed Comparators with direct
connection to the PWM module:
- Programmable references with 1024 voltage points
Timers/Output Compare/Input Capture
• Three general purpose timers:
- Three 16-bit and one 32-bit timer/counter
• Two Output Compare (OC) modules
• Two Input Capture (IC) modules
• Peripheral Pin Select (PPS) to allow function remap
Communication Interfaces
• UART module (12.5 Mbps)
- With support for LIN 2.0 protocols and IrDA®
• 4-wire SPI module
•I2C™ module (up to 1 Mbaud) with SMBus support
• PPS to allow function remap
Input/Output
• Sink/Source 18 mA on 8 pins, 10 mA on 10 pins, and 6
mA on 17 pins
• 5V-tolerant pins
• Selectable open drain and pull-ups
• External interrupts on up to 30 I/O pins
Qualification and Class B Support
• AEC-Q100 REVG (Grade 1 -40ºC to +125ºC)
• AEC-Q100 REVG (Grade 0 -40ºC to +150ºC)
• Class B Safety Library, IEC 60730, VDE certified
Debugger Development Support
• In-circuit and in-application programming
• Two breakpoints
• IEEE 1149.2-compatible (JTAG) boundary scan
• Trace and run-time watch
Packages
Type
SOIC
SPDIP
QFN-S
QFN
TQFP
VTLA
Pin Count
18
28
28
28
44
44
44
I/O Pins
13
21
21
21
35
35
35
Contact Lead/Pitch
1.27
1.27
.100''
0.65
0.65
0.80
0.50
Dimensions
10.30x7.50x2.65 17.9x7.50x2.05
1.365x.240x.120”
6x6x0.9
8x8x1
10x10x1
6x6x0.9
Note:
All dimensions are in millimeters (mm) unless specified.
16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB
SRAM) with High-Speed PWM, ADC, and Comparators


Similar Part No. - DSPIC33FJ06GS101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
5Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
2009
dsPIC33FJ06GS101 MICROCHIP-dsPIC33FJ06GS101 Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
3Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
3Mb / 346P
High-Performance, 16-bit Digital Signal Controllers
02/04/09
More results

Similar Description - DSPIC33FJ06GS101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33EPXXX806 MICROCHIP-DSPIC33EPXXX806 Datasheet
10Mb / 614P
16-bit Microcontrollers and Digital Signal Controllers (up to 512 KB Flash and 52 KB SRAM) with High-Speed PWM, USB, and Advanced Analog
2009-2012
DSPIC33EPXXXGP50X MICROCHIP-DSPIC33EPXXXGP50X Datasheet
9Mb / 504P
16-bit Microcontrollers and Digital Signal Controllers (up to 256 KB Flash and 32 KB SRAM) with High-Speed PWM, Op amps, and Advanced Analog
2011
DSPIC33FJXXXGPX06A MICROCHIP-DSPIC33FJXXXGPX06A_12 Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
DSPIC33FJ16GS504-I-ML MICROCHIP-DSPIC33FJ16GS504-I-ML Datasheet
5Mb / 386P
16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
11/29/11
DSPIC33FJ128MC706A-HPT MICROCHIP-DSPIC33FJ128MC706A-HPT Datasheet
2Mb / 374P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC204T-IPT MICROCHIP-DSPIC33FJ32MC204T-IPT Datasheet
5Mb / 330P
16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ128GP306AT-IPT MICROCHIP-DSPIC33FJ128GP306AT-IPT Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ256GP710A-I MICROCHIP-DSPIC33FJ256GP710A-I Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ256MC710A-I MICROCHIP-DSPIC33FJ256MC710A-I Datasheet
2Mb / 374P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com