Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS101 Datasheet(PDF) 18 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 386 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318F-page 18
© 2008-2012 Microchip Technology Inc.
CMP1A
CMP1B
CMP1C
CMP1D
CMP2A
CMP2B
CMP2C
CMP2D
CMP3A
CMP3B
CMP3C
CMP3D
CMP4A
CMP4B
CMP4C
CMP4D
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
Analog
No
No
No
No
No
No
No
No
No
No
No
No
No
No
No
No
Comparator 1 Channel A
Comparator 1 Channel B
Comparator 1 Channel C
Comparator 1 Channel D
Comparator 2 Channel A
Comparator 2 Channel B
Comparator 2 Channel C
Comparator 2 Channel D
Comparator 3 Channel A
Comparator 3 Channel B
Comparator 3 Channel C
Comparator 3 Channel D
Comparator 4 Channel A
Comparator 4 Channel B
Comparator 4 Channel C
Comparator 4 Channel D
DACOUT
O
—
No
DAC output voltage
ACMP1-ACMP4
O
—
Yes
DAC trigger to PWM module
EXTREF
I
Analog
No
External voltage reference input for the reference DACs
REFCLKO
O
—
Yes
REFCLKO output signal is a postscaled derivative of the system
clock
FLT1-FLT8
SYNCI1-SYNCI2
SYNCO1
PWM1L
PWM1H
PWM2L
PWM2H
PWM3L
PWM3H
PWM4L
PWM4H
I
I
O
O
O
O
O
O
O
O
O
ST
ST
—
—
—
—
—
—
—
—
—
Yes
Yes
Yes
No
No
No
No
No
No
Yes
Yes
Fault Inputs to PWM module
External synchronization signal to PWM Master Time Base
PWM master time base for external device synchronization
PWM1 low output
PWM1 high output
PWM2 low output
PWM2 high output
PWM3 low output
PWM3 high output
PWM4 low output
PWM4 high output
PGED1
PGEC1
PGED2
PGEC2
PGED3
PGEC3
I/O
I
I/O
I
I/O
I
ST
ST
ST
ST
ST
ST
No
No
No
No
No
No
Data I/O pin for programming/debugging communication Channel 1
Clock input pin for programming/debugging communication
Channel 1
Data I/O pin for programming/debugging communication Channel 2
Clock input pin for programming/debugging communication
Channel 2
Data I/O pin for programming/debugging communication Channel 3
Clock input pin for programming/debugging communication
Channel 3
MCLR
I/P
ST
No
Master Clear (Reset) input. This pin is an active-low Reset to the
device.
AVDD
P
P
No
Positive supply for analog modules. This pin must be connected at
all times. AVDD is connected to VDD.
AVSS
P
P
No
Ground reference for analog modules. AVSS is connected to VSS.
VDD
P
—
No
Positive supply for peripheral logic and I/O pins.
VCAP
P
—
No
CPU logic filter capacitor connection.
VSS
P
—
No
Ground reference for logic and I/O pins.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
PPS
Capable
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
I = Input
ST = Schmitt Trigger input with CMOS levels
P = Power
O = Output
TTL = Transistor-Transistor Logic
PPS = Peripheral Pin Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com