Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F08KL402 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 35Page - Microchip Technology PIC24F08KL402 Datasheet HTML 36Page - Microchip Technology PIC24F08KL402 Datasheet HTML 37Page - Microchip Technology PIC24F08KL402 Datasheet HTML 38Page - Microchip Technology PIC24F08KL402 Datasheet HTML 39Page - Microchip Technology PIC24F08KL402 Datasheet HTML 40Page - Microchip Technology PIC24F08KL402 Datasheet HTML 41Page - Microchip Technology PIC24F08KL402 Datasheet HTML 42Page - Microchip Technology PIC24F08KL402 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 260 page
background image
TABLE 4-8:
MSSP REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
SSP1BUF
0200
—
—
—
—
—
—
—
—
MSSP1 Receive Buffer/Transmit Register
00xx
SSP1CON1
0202
—
—
—
—
—
—
—
—
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000
SSP1CON2
0204
—
—
—
—
—
—
—
—
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000
SSP1CON3
0206
—
—
—
—
—
—
—
—
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000
SSP1STAT
0208
—
—
—
—
—
—
—
—SMP
CKE
D/A
PS
R/W
UA
BF
0000
SSP1ADD
020A
—
—
—
—
—
—
—
—
MSSP1 Address Register (I2C™ Slave Mode)
MSSP1 Baud Rate Reload Register (I2C Master Mode)
0000
SSP1MSK
020C
—
—
—
—
—
—
—
—
MSSP1 Address Mask Register (I2C Slave Mode)
00FF
SSP2BUF(1)
0210
—
—
—
—
—
—
—
—
MSSP2 Receive Buffer/Transmit Register
00xx
SSP2CON1(1)
0212
—
—
—
—
—
—
—
—
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000
SSP2CON2(1)
0214
—
—
—
—
—
—
—
—
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000
SSP2CON3(1)
0216
—
—
—
—
—
—
—
—
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000
SSP2STAT(1)
0218
—
—
—
—
—
—
—
—SMP
CKE
D/A
PS
R/W
UA
BF
0000
SSP2ADD(1)
021A
—
—
—
—
—
—
—
—
MSSP2 Address Register (I2C Slave Mode)
MSSP2 Baud Rate Reload Register (I2C Master Mode)
0000
SSP2MSK(1)
021C
—
—
—
—
—
—
—
—
MSSP2 Address Mask Register (I2C Slave Mode)
00FF
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits and/or registers are unimplemented on PIC24FXXKL10X and PIC24FXXKL20X family devices; read as ‘0’.
TABLE 4-9:
UART REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
U1MODE
0220
UARTEN
—
USIDL
IREN
RTSMD
—
UEN1
UEN0
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL1
PDSEL0
STSEL
0000
U1STA
0222
UTXISEL1 UTXINV UTXISEL0
—
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL1 URXISEL0
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
U1TXREG
0224
—
—
—
—
—
—
—
UART1 Transmit Register
xxxx
U1RXREG
0226
—
—
—
—
—
—
—
UART1 Receive Register
0000
U1BRG
0228
Baud Rate Generator Prescaler Register
0000
U2MODE
0230
UARTEN
—
USIDL
IREN
RTSMD
—
UEN1
UEN0
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL1
PDSEL0
STSEL
0000
U2STA
0232 UTXISEL1 UTXINV UTXISEL0
—
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL1 URXISEL0
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
U2TXREG
0234
—
—
—
—
—
—
—
UART2 Transmit Register
xxxx
U2RXREG
0236
—
—
—
—
—
—
—
UART2 Receive Register
0000
U2BRG
0238
Baud Rate Generator Prescaler Register
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com