Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F08KL402 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 6Page - Microchip Technology PIC24F08KL402 Datasheet HTML 7Page - Microchip Technology PIC24F08KL402 Datasheet HTML 8Page - Microchip Technology PIC24F08KL402 Datasheet HTML 9Page - Microchip Technology PIC24F08KL402 Datasheet HTML 10Page - Microchip Technology PIC24F08KL402 Datasheet HTML 11Page - Microchip Technology PIC24F08KL402 Datasheet HTML 12Page - Microchip Technology PIC24F08KL402 Datasheet HTML 13Page - Microchip Technology PIC24F08KL402 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 260 page
background image
PIC24F16KL402 FAMILY
DS31037B-page 10
 2011 Microchip Technology Inc.
1.2
Other Special Features
• Communications: The PIC24F16KL402 family
incorporates multiple serial communication
peripherals to handle a range of application
requirements. The MSSP module implements
both SPI and I2C™ protocols, and supports both
Master and Slave modes of operation for each.
Devices also include one of two UARTs with
built-in IrDA® encoders/decoders.
• Analog Features: Select members of the
PIC24F16KL402 family include a 10-bit A/D
Converter module. The A/D module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period, as
well as faster sampling speeds.
The comparator modules are configurable for a
wide range of operations and can be used as
either a single or double comparator module.
1.3
Details on Individual Family
Members
Devices in the PIC24F16KL402 family are available in
14-pin, 20-pin and 28-pin packages. The general block
diagram for all devices is shown in Figure 1-1.
The PIC24F16KL402 family may be thought of as four
different device groups, each offering a slightly different
set of features. These differ from each other in multiple
ways:
• The size of the Flash program memory
• The presence and size of data EEPROM
• The presence of an A/D Converter and the
number of external analog channels available
• The number of analog comparators
• The number of general purpose timers
• The number and type of CCP modules
(i.e., CCP vs. ECCP)
• The number of serial communications modules
(both MMSPs and UARTs)
The general differences between the different
sub-families is shown in Table 1-1. The feature sets for
specific devices are summarized in Table 1-2 and
Table 1-3.
A list of the individual pin features available on the
PIC24F16KL402 family devices, sorted by function, is
provided in Table 1-4 (for PIC24FXXKL40X/30X
devices) and Table 1-5 (for PIC24FXXKL20X/10X
devices). Note that this table shows the pin location of
individual peripheral features and not how they are
multiplexed on the same pin. This information is
provided in the pinout diagrams in the beginning of this
data sheet. Multiplexed features are sorted by the
priority given to a feature, with the highest priority
peripheral being listed first.
TABLE 1-1:
FEATURE COMPARISON FOR PIC24F16KL402 FAMILY GROUPS
Device Group
Program
Memory
(bytes)
Data
EEPROM
(bytes)
Timers
(8/16-bit)
CCP and
ECCP
Serial
(MSSP/
UART)
A/D
(channels)
Comparators
PIC24FXXKL10X
4K
—
1/2
2/0
1/1
—
1
PIC24FXXKL20X
8K
—
1/2
2/0
1/1
7 or 12
1
PIC24FXXKL30X
8K
256
2/2
2/1
2/2
—
2
PIC24FXXKL40X
8K or 16K
512
2/2
2/1
2/2
12
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com