Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24K Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24K
Description  Microstick for 3V PIC24 K Series Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24K Datasheet(HTML) 3 Page - Microchip Technology

  PIC24K Datasheet HTML 1Page - Microchip Technology PIC24K Datasheet HTML 2Page - Microchip Technology PIC24K Datasheet HTML 3Page - Microchip Technology PIC24K Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Introducing the Microstick for 3V PIC24 K Series Devices
Application Hardware
DS52012A
VDD
VDD
PGED_MASTER
U1RX
470R
R41
R39
4.7k
GND
U1RX
PGEC_MASTER
U1TX
GND
TP1
VDD
VDD
D6
Red
VDD
C20
0.1
μF
MCLR
NL
R42
PGEC_MASTER
VDD
PGED1
U1TX
VDD
PGEC3
PGEC1
C17
0.1
μF
MCLR
PGED_MASTER
LED Jumper
PGED3
PGEC1
1k
R40
PGEC3
RA6
GND
PGED1
PGED3
C19
NL
C21
NL
0.1
μF
C18
J6
(32.768 kHz)
22 pF
22 pF
VDD
VSS
VDD
VSS
PIC24F16KL402



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com