Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24K Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24K
Description  Microstick for 3V PIC24 K Series Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24K Datasheet(HTML) 1 Page - Microchip Technology

  PIC24K Datasheet HTML 1Page - Microchip Technology PIC24K Datasheet HTML 2Page - Microchip Technology PIC24K Datasheet HTML 3Page - Microchip Technology PIC24K Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microchip Technology Inc. • 2355 West Chandler Blvd. • Chandler, AZ 85224-6199
www.microchip.com
The Microchip name and logo, the Microchip logo, and MPLAB are registered trademarks of Microchip Tech-
nology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of
their respective companies. © 2011, Microchip Technology Incorporated, Printed in the U.S.A. All Rights
Reserved. 10/11
DS52012A
Microstick for 3V PIC24 K Series Devices
Overview
The Microstick for 3V PIC24 K Series Devices is designed to provide an easy-to-
use, economical development environment for 16-bit microcontrollers. The board
includes an integrated debugger/programmer, a socket for the target micro-
controller chip and pins that facilitate insertion into a prototyping board for
extremely flexible development.
Installing MPLAB® IDE and C Compilers
The MPLAB® Integrated Development Environment (IDE) should be installed prior
to using the Microstick for 3V PIC24 K Series Devices. This board is designed to run
with MPLAB IDE Version 8.80 or later. While the MPLAB IDE provides assembler
tools for development, most code examples provided for Microchip devices are writ-
ten in C language and require a C compiler to be installed. Microchip’s MPLAB C
Compiler seamlessly integrates into the MPLAB IDE. Both the MPLAB IDE and C
Compiler are free and available for download at: http://www.microchip.com/MPLAB
and http://www.microchip.com/MPLABC30, respectively.(1)
Running Applications
After downloading and installing the development tools, please use the following
procedure to build, run and debug your software:
1.
Load the code example into MPLAB IDE by double clicking the *.mcw project
file.
2.
Inform MPLAB IDE which target microcontroller is plugged into the Microstick
board by selecting the appropriate device from the Configure>Select
Device>Device menu.
3.
Build the project by selecting Project>Build All.
4.
Connect the Microstick board to the development computer via a USB cable.
5.
Enable the MPLAB IDE debugger by selecting:
Debugger>Select Tool>Starter Kit on Board.
6.
Download the firmware into the target microcontroller chip by selecting
Debugger>Program.
7.
Run the application previously downloaded by selecting Debugger>Run.
8.
Install Jumper JP1 to enable the on-board LED for RA0.
For more information on building, running and debugging your application, refer to
the MPLAB IDE Help.
Note 1: MPLAB C Evaluation Version (free) – All optimization levels are
enabled for 60 days, then limits to optimization Level 1. The compiler
will continue to function, but code size may increase. There are no
restrictions on the use of this C compiler (see license text for details).
Europe
Austria - Weis - 43-7242-2244-39
Denmark - Copenhagen - 45-4450-2828
France - Paris - 33-1-69-53-63-20
Germany - Munich - 49-89-627-144-0
Italy - Milan - 39-0331-742611
Netherlands - Drunen - 31-416-690399
Spain - Madrid - 34-91-708-08-90
UK - Wokingham - 44-118-921-5869
08/02/11
Americas
Atlanta - 678-957-9614
Boston - 774-760-0087
Chicago - 630-285-0071
Cleveland - 216-447-0464
Dallas - 972-818-7423
Detroit - 248-538-2250
Indianapolis - 317-773-8323
Los Angeles - 949-462-9523
Phoenix - 480-792-7200
Santa Clara - 408-961-6445
Toronto - 905-673-0699
Asia/Pacific
Australia - Sydney - 61-2-9868-6733
China - Beijing - 86-10-8569-7000
China - Chengdu - 86-28-8665-5511
China - Chongqing - 86-23-8980-9500
China - Hangzhou - 86-571-2819-3187
China - Hong Kong SAR - 852-2401-1200
China - Nanjing- 86-25-8473-2460
China - Qingdao - 86-532-8502-7355
China - Shanghai - 86-21-5407-5533
China - Shenyang - 86-24-2334-2829
China - Shenzhen - 86-755-8203-2660
China - Wuhan - 86-27-5980-5300
China - Xian - 86-29-8833-7252
China - Xiamen - 86-592-2388138
China - Zhuhai - 86-756-3210040
India - Bangalore - 91-80-3090-4444
India - New Delhi - 91-11-4160-8631
India - Pune - 91-20-2566-1512
Japan - Yokohama - 81-45-471-6166
Korea - Daegu - 82-53-744-4301
Korea - Seoul - 82-2-554-7200
Malaysia - Kuala Lumpur - 60-3-6201-9857
Malaysia - Penang - 60-4-227-8870
Philippines - Manila - 63-2-634-9065
Singapore - 65-6334-8870
Taiwan - Hsin Chu - 886-3-5778-366
Taiwan - Kaohsiung - 886-7-213-7830
Taiwan - Taipei - 886-2-2500-6610
Thailand - Bangkok - 66-2-694-1351


Similar Part No. - PIC24K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24 MICROCHIP-PIC24 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
logo
PULS GmbH
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
24V, 10A, SINGLE PHASE INPUT
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
STARTER KIT USER?셎 GUIDE
2010-2011
PIC24EF MICROCHIP-PIC24EF Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
More results

Similar Description - PIC24K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
DUAL PREAMPLIFIER FOR 3V USING
logo
RF Micro Devices
RF6100-2 RFMD-RF6100-2 Datasheet
485Kb / 2P
RF Micro Devices 3V 900 MHz Linear Amplifier
logo
Semikron International
C3/120 SEMIKRON-C3/120 Datasheet
257Kb / 3P
For stud devices
P11 SEMIKRON-P11 Datasheet
520Kb / 3P
For capsule devices
P17 SEMIKRON-P17 Datasheet
1Mb / 4P
For capsule devices
P18 SEMIKRON-P18 Datasheet
436Kb / 3P
For capsule devices
P31 SEMIKRON-P31 Datasheet
141Kb / 3P
For stud devices
C3-120 SEMIKRON-C3-120 Datasheet
263Kb / 3P
For stud devices
P31 SEMIKRON-P31 Datasheet
147Kb / 3P
For stud devices
logo
Freescale Semiconductor...
KTPFPGMEVMEUG FREESCALE-KTPFPGMEVMEUG Datasheet
2Mb / 48P
KITPFPGMEVME Programmer for PF Series Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com