Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD212 Datasheet(PDF) 39 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 35Page - Motorola, Inc MCD212 Datasheet HTML 36Page - Motorola, Inc MCD212 Datasheet HTML 37Page - Motorola, Inc MCD212 Datasheet HTML 38Page - Motorola, Inc MCD212 Datasheet HTML 39Page - Motorola, Inc MCD212 Datasheet HTML 40Page - Motorola, Inc MCD212 Datasheet HTML 41Page - Motorola, Inc MCD212 Datasheet HTML 42Page - Motorola, Inc MCD212 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
MCD212
5–10
MOTOROLA
Table 5–13. Register Map
Channel
No.
Address (h)
Register Name
1+2
80 to BF
CLUT Color 0 – 63
1
C0
Image Coding Method
1
C1
Transparency Control
1
C2
Plane Order
1+2
C3
CLUT Bank
1
C4
Transparent Color for Plane A
—
C5
Reserved
2
C6
Transparent Color for Plane B
1
C7
Mask Color for Plane A
—
C8
Reserved
2
C9
Mask Color for Plane B
1
CA
DYUV Abs. Start Value for Plane A
2
CB
DYUV Abs. Start Value for Plane B
—
CC
Reserved
1
CD
Cursor Position
1
CE
Cursor Control
1
CF
Cursor Pattern
1+2
D0 to D7
Region Control 0 – 7
1
D8
Backdrop Color
1
D9
Mosaic Pixel Hold for Plane A
2
DA
Mosaic Pixel Hold for Plane B
1
DB
Weight Factor for Plane A
2
DC
Weight Factor for Plane B
—
DD to FF
Reserved
5.4.4.1
CLUT Color Register 0 - 63 (h80 - hBF)
Programmable via CH#1 and CH#2.
Table 5–14. CLUT Color Register 0 – 63 — Address h80 – hBF
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R7
R6
R5
R4
R3
R2
—
—
G7
G6
G5
G4
G3
G2
—
—
B7
B6
B5
B4
B3
B2
—
—
R7 – R2, G7 – G2, and B7 – B2 contain the color–data of one pixel. Only the 6 MSBs per byte are
implemented.
The CLUT RAM is addressable in two steps.
First, one of the four CLUT banks must be selected via the CLUT bank register (address A7, A6).
Second, the address within the bank is given by selecting a CLUT register h80 – hBF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com