Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD221 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCD221
Description  CD-Interface and Audio Processor(CIAP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD221 Datasheet(HTML) 3 Page - Motorola, Inc

  MCD221 Datasheet HTML 1Page - Motorola, Inc MCD221 Datasheet HTML 2Page - Motorola, Inc MCD221 Datasheet HTML 3Page - Motorola, Inc MCD221 Datasheet HTML 4Page - Motorola, Inc MCD221 Datasheet HTML 5Page - Motorola, Inc MCD221 Datasheet HTML 6Page - Motorola, Inc MCD221 Datasheet HTML 7Page - Motorola, Inc MCD221 Datasheet HTML 8Page - Motorola, Inc MCD221 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MCD221
2–3
MOTOROLA
PIN DESCRIPTIONS
SIGNAL DESCRIPTIONS
Host Interface
Mnemonic
Type
Name and Function
A[13
… 1]
O
System Address Bus. The address must be stable before CS is asserted.
Active HIGH.
D[15
… 0]
B
System Data Bus. The data lines must be stable when CS is active during
a write and before DTACK is asserted during a read. Tri–state.
CS
I
Chip Select. Used to access the CIAP internal registers and buffers.
Active LOW.
R/W
I
Read/Write. Indicates the direction of the data transfer. When LOW, the
transfer is to the CIAP.
DTACK
B
Data Transfer Acknowledge. Active LOW. During normal host access,
DTACK is an output indicating that data has been put on (read cycles) or
read from (write cycles) the data bus. (Active pullup.) During DMA,
DTACK is an input indicating that the memory has put data on the data
bus.
INT
O
Interrupt. Released when the interrupt status register is read. Active
LOW.
IACK
I
Interrupt Acknowledge. Active LOW.
REQ
O
DMA Request. Active LOW.
ACK
I
Acknowledge. DMA handshake signal indicating that the bus is available
for data transfer. Active LOW.
RDY
O
Ready. DMA handshake signal indicating that the CIAP has completed
the data transfer. Tri–state. Active LOW. When released by the CIAP, the
output is forced high for a few nanoseconds before it is made tri–state.
DONE
I
Done. Indicates the last transfer of a DMA burst. Active LOW.
Serial Interface
Mnemonic
Type
Name and Function
SCLK
I
Serial Clock.
MOSI
I
Serial Data. Master out, slave in.
MISO
O
Serial Data. Master in, slave out.
MODE_0,
MODE_1
I
Serial Interface MODE bits.
00 = Write selected register
01 = Read selected register
10 = Write address
11 = No action
Data Input
Mnemonic
Type
Name and Function
CLI
I
Serial Bit Clock Input.
WSI
I
Word Clock Input.
DAI
I
Serial Data Input.
EFI
I
Error Flag Input.
SUBCODE/EBU
I
Subcode (P
… W) serial data input or EBU input for both main channel
and subchannel.
External Audio Interface
Mnemonic
Type
Name and Function
XCLI
I
External Audio Serial Bit Clock Input. When not used, the pin must be
connected to VCC or VSS.
XWSI
I
External Audio Word Clock Input. When not used, the pin must be
connected to VCC or VSS.
XDAI
I
External Audio Data Input. When not used, the pin must be connected to
VCC or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com