Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD221 Datasheet (PDF) - Motorola, Inc

MCD221 Datasheet PDF - Motorola, Inc
Part # MCD221
Download  MCD221 Download
File Size   187.65 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description CD-Interface and Audio Processor(CIAP)

MCD221 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCD221 Datasheet PDF - Motorola, Inc

Part # MCD221
Download  MCD221 Click to download

File Size   187.65 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description CD-Interface and Audio Processor(CIAP)

MCD221 Datasheet (HTML) - Motorola, Inc


MCD221 Product details

CD-Interface and Audio Processor(CIAP)

This technical summary provides a brief description of the MCD221 CD–Interface and Audio Processor. A complete data sheet for the MCD221 is available and can be ordered from your local Motorola sales office. The order number is MCD221/D.
The MCD221 has two main functions. The first is to form an interface between a CD drive unit and a CD–i or Photo–CD player. The connection to the drive is designed for both applications and can be either a Digital Out (EBU standard) interface, or an I2S plus subcode interface. The host interface can be either a 68000 interface for CD–i players, or a serial (SPI) interface for Photo–CD.
The second function of the MCD221 is to decode ADPCM (CD–i base case) audio, to perform audio mixing functions as specified in the Green Book, and to be able to add external audio to the base case audio. The MCD221 can also be used for handling the ADPCM decoding for Photo–CD.

The main features of the MCD221 are as follows:
• Accepts Audio Inputs in I2S Format (MPEG1) for Mixing with CIAP Internal Audio
• Output Can Be Either I2S or SONY Format
• Data Input Rate Can Be Up to 2 Times Normal Speed
• Can Connect to a Host via Either a 68K or Serial Interface
• 80–Pin Quad Flat Pack (QFP)




Similar Part No. - MCD221

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD220-08IO1 IXYS-MCD220-08IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD220-12IO1 IXYS-MCD220-12IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD220-14IO1 IXYS-MCD220-14IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD220-16IO1 IXYS-MCD220-16IO1 Datasheet
143Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCD224-20IO1 IXYS-MCD224-20IO1 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Similar Description - MCD221

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
CD DIGITAL SIGNAL PROCESSOR
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
Video CD MPEG Processor
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
Video CD Processor
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com