Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7608 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7608 Datasheet HTML 15Page - Analog Devices AD7608 Datasheet HTML 16Page - Analog Devices AD7608 Datasheet HTML 17Page - Analog Devices AD7608 Datasheet HTML 18Page - Analog Devices AD7608 Datasheet HTML 19Page - Analog Devices AD7608 Datasheet HTML 20Page - Analog Devices AD7608 Datasheet HTML 21Page - Analog Devices AD7608 Datasheet HTML 22Page - Analog Devices AD7608 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 19 of 32
THEORY OF OPERATION
CONVERTER DETAILS
The AD7608 is a data acquisition system that employs a high
speed, low power, charge redistribution, successive approxi-
mation analog-to-digital converter (ADC) and allows the
simultaneous sampling of eight analog input channels. The
analog inputs on the AD7608 can accept true bipolar input
signals. The RANGE pin is used to select either ±10 V or
±5 V as the input range. The AD7608 operates from a single
5 V supply.
The AD7608 contains input clamp protection, input signal
scaling amplifiers, a second-order antialiasing filter, track-and-
hold amplifiers, an on-chip reference, reference buffers, a high
speed ADC, a digital filter, and high speed parallel and serial
interfaces. Sampling on the AD7608 is controlled using the
CONVST x signals.
ANALOG INPUT
Analog Input Ranges
The AD7608 can handle true bipolar, single-ended input voltages.
The logic level on the RANGE pin determines the analog input
range of all analog input channels. If this pin is tied to a logic
high, the analog input range is ±10 V for all channels. If this pin
is tied to a logic low, the analog input range is ±5 V for all
channels. A logic change on the RANGE pin has an immediate
effect on the analog input range; how-ever, there is typically
a settling time of approximately 80 µs, in addition to the normal
acquisition time requirement. The recommended practice is to
hardwire the RANGE pin according to the desired input range
for the system signals.
During normal operation, the applied analog input voltage
should remain within the analog input range selected via the
range pin. A RESET pulse must be applied after power-up to
ensure the analog input channels are configured for the range
selected.
When in a power-down mode, it is recommended to tie the
analog inputs to GND. As per the input clamp protection section,
the overvoltage clamp protection is recommended for use in
transient overvoltage conditions and should not remain active
for extended periods. Stressing the analog inputs outside of the
conditions mentioned here may degrade the Bipolar Zero Code
error and THD performance of the AD7608.
Analog Input Impedance
The analog input impedance of the AD7608 is 1 MΩ. This is
a fixed input impedance that does not vary with the AD7608
sampling frequency. This high analog input impedance elimi-
nates the need for a driver amplifier in front of the AD7608,
allowing for direct connection to the source or sensor. With
the need for a driver amplifier eliminated, bipolar supplies
(which are often a source of noise in a system) can be
removed from the signal chain.
Analog Input Clamp Protection
Figure 31 shows the analog input structure of the AD7608. Each
AD7608 analog input contains clamp protection circuitry. Despite
single 5 V supply operation, this analog input clamp protection
allows for an input overvoltage up to ±16.5 V.
1MΩ
CLAMP
Vx
1MΩ
CLAMP
VxGND
SECOND-
ORDER
LPF
RFB
RFB
Figure 31. Analog Input Circuitry
Figure 32 shows the voltage vs. current characteristic of the
clamp circuit. For input voltages of up to ±16.5 V, no current
flows in the clamp circuit. For input voltages that are above
±16.5 V, the AD7608 clamp circuitry turns on.
30
–40
–30
–20
–10
0
10
20
–25
–20
–15
–10
–5
0
5
10
15
20
25
SOURCE VOLTAGE (V)
AVCC, VDRIVE = 5V
TA = 25 °C
Figure 32. Input Protection Clamp Profile
A series resistor should be placed on the analog input channels
to limit the current to ±10 mA for input voltages above ±16.5 V.
In an application where there is a series resistance on an analog
input channel, Vx, a corresponding resistance is required on the
analog input GND channel, VxGND (see Figure 33). If there is
no corresponding resistor on the VxGND channel, an offset
error occurs on that channel.
1MΩ
CLAMP
Vx
1MΩ
CLAMP
VxGND
RFB
RFB
C
R
R
ANALOG
INPUT
SIGNAL
AD7608
Figure 33. Input Resistance Matching on the Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com