Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 1 Page - Analog Devices

  AD7607 Datasheet HTML 1Page - Analog Devices AD7607 Datasheet HTML 2Page - Analog Devices AD7607 Datasheet HTML 3Page - Analog Devices AD7607 Datasheet HTML 4Page - Analog Devices AD7607 Datasheet HTML 5Page - Analog Devices AD7607 Datasheet HTML 6Page - Analog Devices AD7607 Datasheet HTML 7Page - Analog Devices AD7607 Datasheet HTML 8Page - Analog Devices AD7607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel DAS with 18-Bit, Bipolar,
Simultaneous Sampling ADC
Data Sheet
AD7608
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011-2012 Analog Devices, Inc. All rights reserved.
FEATURES
8 simultaneously sampled inputs
True bipolar analog input ranges: ±10 V, ±5 V
Single 5 V analog supply and 2.3 V to 5.25 V VDRIVE
Fully integrated data acquisition solution
Analog input clamp protection
Input buffer with 1 MΩ analog input impedance
Second-order antialiasing analog filter
On-chip accurate reference and reference buffer
18-bit ADC with 200 kSPS on all channels
Oversampling capability with digital filter
Flexible parallel/serial interface
SPI/QSPI™/MICROWIRE™/DSP compatible
Pin compatible solutions from 14-bits to 18-bits
Performance
7 kV ESD rating on analog input channels
98 dB SNR, −107 dB THD
Low power: 100 mW
Standby mode: 25 mW
64-lead LQFP package
APPLICATIONS
Power line monitoring and protection systems
Multiphase motor controls
Instrumentation and control systems
Multiaxis positioning systems
Data acquisition systems (DAS)
COMPANION PRODUCTS
External References: ADR421, ADR431
Digital Isolators: ADuM1402, ADuM5000, ADuM5402
Voltage Regulator Design Tool: ADIsimPower, Supervisor
Parametric Search
Complete list of complements on AD7608 product page
Table 1. High Resolution, Bipolar Input, Simultaneous
Sampling DAS Solutions
Resolution
Single-
Ended
Inputs
True
Differential
Inputs
Number of
Simultaneous
Sampling Channels
18 Bits
AD76081
AD7609
8
16 Bits
AD7606
8
AD7606-6
6
AD7606-4
4
14 Bits
AD7607
8
FUNCTIONAL BLOCK DIAGRAM
V1
V1GND
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
RFB
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V2
V2GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V3
V3GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V4
V4GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V5
V5GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V6
V6GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V7
V7GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
V8
V8GND
1MΩ
1MΩ
CLAMP
CLAMP
SECOND
ORDER LPF
T/H
8:1
MUX
AGND
BUSY
FRSTDATA
CONVST A CONVST B RESET RANGE
CONTROL
INPUTS
CLK OSC
REFIN/REFOUT
REF SELECT
AGND
OS 2
OS 1
OS 0
DOUTA
DOUTB
RD/SCLK
CS
PAR/SER SEL
VDRIVE
18-BIT
SAR
DIGITAL
FILTER
PARALLEL/
SERIAL
INTERFACE
2.5V
REF
REFCAPB
REFCAPA
SERIAL
PARALLEL
REGCAP
2.5V
LDO
REGCAP
2.5V
LDO
AVCC
AVCC
DB[15:0]
AD7608
Figure 1.
1 Patent pending.


Similar Part No. - AD7607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7607 AD-AD7607 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7607 AD-AD7607 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7607BSTZ AD-AD7607BSTZ Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
More results

Similar Description - AD7607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7609 AD-AD7609 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
01-Nov-2017
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
6/2019-Revision 0
AD7606C-18 AD-AD7606C-18 Datasheet
1Mb / 75P
8-Channel DAS with 18-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
10/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com