Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet (PDF) - Analog Devices

AD7607 Datasheet PDF - Analog Devices
Part # AD7607
Download  AD7607 Download
File Size   869.77 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC

AD7607 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7607 Datasheet PDF - Analog Devices

Part # AD7607
Download  AD7607 Click to download

File Size   869.77 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC

AD7607 Datasheet (HTML) - Analog Devices


AD7607 Product details

FEATURES
8 simultaneously sampled inputs
True bipolar analog input ranges: ±10 V, ±5 V
Single 5 V analog supply and 2.3 V to 5.25 V VDRIVE
Fully integrated data acquisition solution
Analog input clamp protection
Input buffer with 1 MΩ analog input impedance
Second-order antialiasing analog filter
On-chip accurate reference and reference buffer
14-bit ADC with 200 kSPS on all channels
Flexible parallel/serial interface
SPI/QSPI™ /MICROWIRE™ /DSP compatible
Pin-compatible solutions from 14 bits to 18 bits
Performance
7 kV ESD rating on analog input channels
Fast throughput rate: 200 kSPS for all channels
85.5 dB SNR at 50 kSPS
INL ±0.25 LSB, DNL ±0.25 LSB
Low power: 100 mW at 200 kSPS
Standby mode: 25 mW typical
64-lead LQFP package




Similar Part No. - AD7607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7607 AD-AD7607 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7607BSTZ AD-AD7607BSTZ Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
More results


Similar Description - AD7607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7617 AD-AD7617 Datasheet
947Kb / 52P
16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
01-Nov-2017
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
6/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com