Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7607 Datasheet HTML 5Page - Analog Devices AD7607 Datasheet HTML 6Page - Analog Devices AD7607 Datasheet HTML 7Page - Analog Devices AD7607 Datasheet HTML 8Page - Analog Devices AD7607 Datasheet HTML 9Page - Analog Devices AD7607 Datasheet HTML 10Page - Analog Devices AD7607 Datasheet HTML 11Page - Analog Devices AD7607 Datasheet HTML 12Page - Analog Devices AD7607 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 8 of 32
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
t27
Delay from RD falling edge to FRSTDATA low
19
ns
VDRIVE = 3.3 V to 5.25 V
24
ns
VDRIVE = 2.3 V to 2.7 V
t28
Delay from 16th SCLK falling edge to FRSTDATA low
17
ns
VDRIVE = 3.3 V to 5.25 V
22
ns
VDRIVE = 2.3 V to 2.7 V
t29
24
ns
Delay from CS rising edge until FRSTDATA three-state enabled
1
Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
2
The delay between the CONVST x signals was measured as the maximum time allowed while ensuring a <3 LSB performance matching between channel sets.
3
A buffer, which is equivalent to a load of 20 pF on the output pins, is used on the data output pins for these measurements.
Timing Diagrams
tCYCLE
t3
t5
t2
t4
t1
t7
tRESET
tCONV
CONVST A,
CONVST B
CONVST A,
CONVST B
BUSY
CS
RESET
Figure 2. CONVST Timing—Reading After a Conversion
tCYCLE
t3
t5
t6
t2
t1
tCONV
CONVST A,
CONVST B
CONVST A,
CONVST B
BUSY
CS
t7
tRESET
RESET
Figure 3. CONVST Timing—Reading During a Conversion
DATA:
DB[15:0]
FRSTDATA
CS
RD
INVALID
V1
V2
V3
V7
V8
V4
t10
t8
t13
t24
t26
t27
t14
t11
t15
t9
t16
t17
t29
Figure 4. Parallel Mode, Separate CS and RD Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com