Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7607 Datasheet HTML 21Page - Analog Devices AD7607 Datasheet HTML 22Page - Analog Devices AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 24 of 32
DIGITAL INTERFACE
The AD7607 provides three interface options: a parallel inter-
face, a high speed serial interface, and a parallel byte interface.
The required interface mode is selected via the PAR/SER/BYTE
SEL and the DB15/BYTE SEL pins.
Table 8. Interface Mode Selection
PAR/SER/BYTE SEL
DB15
Interface Mode
0
0
Parallel interface mode
1
0
Serial interface mode
1
1
Parallel byte interface mode
Interface mode operation is discussed in the following sections.
PARALLEL INTERFACE (PAR/SER/BYTE SEL = 0)
Data can be read from the AD7607 via the parallel data bus with
standard CS and RD signals. To read the data over the parallel bus,
the PAR/SER/BYTE SEL pin should be tied low. The CS and RD
input signals are internally gated to enable the conversion result
onto the data bus. The data lines, DB15 to DB0, leave their high
impedance state when both CS and RD are logic low. When CS
and RD are low, DB15 and DB14 are used to output a sign
extended bit of the MSB (DB13) of the conversion result.
AD7607
14
BUSY
12
RD
33:16
DB[15:0]
13
CS
DIGITAL
HOST
INTERRUPT
Figure 41. Interface Diagram—One AD7607 Using the Parallel Bus,
with CS and RD Shorted Together
The rising edge of the CS input signal tristates the bus, and the
falling edge of the CS input signal takes the bus out of the high
impedance state. CS is the control signal that enables the data
lines; it is the function that allows multiple AD7607 devices to
share the same parallel data bus.
The CS signal can be permanently tied low, and the RD signal
can be used to access the conversion results as shown in Figure 4.
A read operation of new data can take place after the BUSY
signal goes low (see Figure 2); or, alternatively, a read operation
of data from the previous conversion process can take place
while BUSY is high (see Figure 3).
The RD pin is used to read data from the output conversion results
register. Applying a sequence of RD pulses to the RD pin of the
AD7607 clocks the conversion results out from each channel
onto the parallel output bus, DB[15:0], in ascending order.
The first RD falling edge after BUSY goes low clocks out the
conversion result from Channel V1. The next RD falling edge
updates the bus with the V2 conversion result, and so on. The
eighth falling edge of RD clocks out the conversion result for
Channel V8. When the RD signal is logic low, it enables the data
conversion result from each channel to be transferred to the
digital host (DSP, FPGA).
When there is only one AD7607 in a system/board and it does not
share the parallel bus, data can be read using just one control
signal from the digital host. The CS and RD signals can be tied
together, as shown in Figure 5. In this case, the data bus comes
out of three-state on the falling edge of CS/RD. The combined CS
and RD signal allows the data to be clocked out of the AD7607
and to be read by the digital host. In this case, CS is used to
frame the data transfer of each data channel.
PARALLEL BYTE INTERFACE (PAR/SER/BYTE SEL = 1,
DB15 = 1)
Parallel byte interface mode operates much like the parallel
interface mode, except that each channel conversion result is read
out in two 8-bit transfers. Therefore, 16 RD pulses are required to
read all eight conversion results from the AD7607. To configure
the AD7607 to operate in parallel byte interface mode, the PAR/
SER/BYTE SEL and BYTE SEL/DB15 pins should be tied to logic
high (see Table 8). DB[7:0] are used to transfer the data to the
digital host. DB0 is the LSB of the data transfer, and DB7 is the
MSB of the data transfer. In parallel byte mode, DB14 acts as an
HBEN pin. When the DB14/HBEN pin is tied to logic high, the
most significant byte (MSB) of the conversion result is output
first, followed by the LSB byte of the conversion result. When
DB14/HBEN is tied to logic low, the LSB byte of the conversion
result is output first, followed by the MSB byte of the conversion
result. The FRSTDATA pin remains high until the entire 14 bits
of the conversion result from V1 is read. If the MSB byte is always
to be read first, the HBEN pin should be set high and remain
high. If the LSB byte is always to be read first, the HBEN pin
should be set low and remain low. In this circumstance, the
MSB byte contains two sign extended bits in the two MSB
positions.
SERIAL INTERFACE (PAR/SER/BYTE SEL = 1)
To read data back from the AD7607 over the serial interface, the
PAR/SER/BYTE SEL pin must be tied high. The CS and SCLK
signals are used to transfer data from the AD7607. The AD7607
has two serial data output pins, DOUTA and DOUTB. Data can be
read back from the AD7607 using one or both of these DOUT
lines. For the AD7607, conversion results from Channel V1 to
Channel V4 first appear on DOUTA, and conversion results from
Channel V5 to Channel V8 first appear on DOUTB.
The CS falling edge takes the data output lines, DOUTA and DOUTB,
out of three-state and clocks out the MSB of the conversion result.
The rising edge of SCLK clocks all subsequent data bits onto the
serial data outputs, DOUTA and DOUTB. The CS input can be held
low for the entire serial read, or it can be pulsed to frame each
channel read of 14 SCLK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com