Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7607 Datasheet HTML 13Page - Analog Devices AD7607 Datasheet HTML 14Page - Analog Devices AD7607 Datasheet HTML 15Page - Analog Devices AD7607 Datasheet HTML 16Page - Analog Devices AD7607 Datasheet HTML 17Page - Analog Devices AD7607 Datasheet HTML 18Page - Analog Devices AD7607 Datasheet HTML 19Page - Analog Devices AD7607 Datasheet HTML 20Page - Analog Devices AD7607 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 16 of 32
0.25
–40
–25
–10
5
20
35
50
65
80
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
5V RANGE
10V RANGE
Figure 21. Bipolar Zero Code Error vs. Temperature
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–40
–25
–10
5
20
35
50
65
80
–1.00
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
5V RANGE
10V RANGE
Figure 22. Bipolar Zero Code Error Matching vs. Temperature
–40
–50
–60
–70
–80
–90
–100
–110
1k
100k
10k
–120
INPUT FREQUENCY (Hz)
±10V RANGE
AVCC, VDRIVE = +5V
fSAMPLE = 200kSPS
RSOURCE MATCHED ON Vx AND VxGND INPUTS
105kΩ
48.7kΩ
23.7kΩ
10kΩ
5kΩ
1.2kΩ
100Ω
51Ω
0Ω
Figure 23. THD vs. Input Frequency for Various Source Impedances,
±10 V Range
1k
100k
10k
INPUT FREQUENCY (Hz)
±5V RANGE
AVCC, VDRIVE = +5V
fSAMPLE = 200kSPS
RSOURCE MATCHED ON Vx AND VxGND INPUTS
105kΩ
48.7kΩ
23.7kΩ
10kΩ
5kΩ
1.2kΩ
100Ω
51Ω
0Ω
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 24. THD vs. Input Frequency for Various Source Impedances,
±5 V Range
2.5010
2.5005
2.5000
2.4995
2.4990
2.4985
–40
–25
–10
5
20
35
50
65
80
2.4980
TEMPERATURE (°C)
AVCC = 4.75V
AVCC = 5V
AVCC = 5.25V
Figure 25. Reference Output Voltage vs. Temperature for
Different Supply Voltages
8
–10
–8
–6
–4
–2
10
8
6
4
2
0
–10
–8
–6
–4
–2
0
2
4
6
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
AVCC, VDRIVE = 5V
fSAMPLE = 200kSPS
Figure 26. Analog Input Current vs. Input Voltage for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com