Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices AD7607 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 26 of 32
DIGITAL FILTER
The AD7607 contains an optional first-order digital sinc filter that
should be used in applications where slower throughput rates are
used and digital filtering is required. The oversampling ratio of
the digital filter is controlled using the oversampling pins, OS[2:0]
(see Table 9). OS 2 is the MSB control bit, and OS 0 is the LSB
control bit. Table 9 lists the oversampling bit decoding to select the
different oversample rates. The OS pins are latched on the falling
edge of BUSY. This sets the oversampling rate for the next
conversion (see Figure 43).
Selection of the oversampling mode has the effect of adding
a digital filter function after the ADC. The different oversampling
rates and the CONVST x sampling frequency produce different
digital filter frequency profiles.
Table 9. Oversample Bit Decoding
OS[2:0]
Oversampling Ratio
3 dB BW, 5 V Range (kHz)
3 dB BW, 10 V Range (kHz)
Maximum Throughput,
CONVST Frequency (kHz)
000
No oversampling
15
22
200
001
2
15
22
100
010
4
13.7
18.5
50
011
8
10.3
11.9
25
100
16
6
6
12.5
101
32
3
3
6.25
110
64
1.5
1.5
3.125
111
Invalid
CONVST A
AND
CONVST B
BUSY
OS x
tOS_SETUP
tOS_HOLD
CONVERSION N
CONVERSION N + 1
OVERSAMPLE RATE
LATCHED FOR CONVERSION N + 1
Figure 43. OS x Pin Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com