Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7607 Datasheet HTML 3Page - Analog Devices AD7607 Datasheet HTML 4Page - Analog Devices AD7607 Datasheet HTML 5Page - Analog Devices AD7607 Datasheet HTML 6Page - Analog Devices AD7607 Datasheet HTML 7Page - Analog Devices AD7607 Datasheet HTML 8Page - Analog Devices AD7607 Datasheet HTML 9Page - Analog Devices AD7607 Datasheet HTML 10Page - Analog Devices AD7607 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 6 of 32
TIMING SPECIFICATIONS
AVCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 5.25 V, VREF = 2.5 V external reference/internal reference, TA = TMIN to TMAX, unless otherwise noted.1
Table 3.
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
PARALLEL/SERIAL/BYTE MODE
tCYCLE
1/throughput rate
5
µs
Parallel mode, reading during or after conversion; or serial mode (VDRIVE =
3.3 V to 5.25 V), reading during a conversion using DOUTA and DOUTB lines
5
µs
Serial mode reading during conversion; VDRIVE = 2.7 V
9.1
µs
Serial mode reading after a conversion; VDRIVE = 2.3 V, DOUTA and DOUTB lines
tCONV
Conversion time
3.45
4
4.15
µs
Oversampling off
7.87
9.1
µs
Oversampling by 2
16.05
18.8
µs
Oversampling by 4
33
39
µs
Oversampling by 8
66
78
µs
Oversampling by 16
133
158
µs
Oversampling by 32
257
315
µs
Oversampling by 64
tWAKE-UP STANDBY
100
µs
STBY rising edge to CONVST x rising edge; power-up time from
standby mode
tWAKE-UP SHUTDOWN
Internal Reference
30
ms
STBY rising edge to CONVST x rising edge; power-up time from
shutdown mode
External Reference
13
ms
STBY rising edge to CONVST x rising edge; power-up time from
shutdown mode
tRESET
50
ns
RESET high pulse width
tOS_SETUP
20
ns
BUSY to OS x pin setup time
tOS_HOLD
20
ns
BUSY to OS x pin hold time
t1
40
ns
CONVST x high to BUSY high
t2
25
ns
Minimum CONVST x low pulse
t3
25
ns
Minimum CONVST x high pulse
t4
0
ns
BUSY falling edge to CS falling edge setup time
t52
0.5
ms
Maximum delay allowed between CONVST A, CONVST B rising edges
t6
25
ns
Maximum time between last CS rising edge and BUSY falling edge
t7
25
ns
Minimum delay between RESET low to CONVST x high
PARALLEL/BYTE READ
OPERATION
t8
0
ns
CS to RD setup time
t9
0
ns
CS to RD hold time
t10
RD low pulse width
16
ns
VDRIVE above 4.75 V
21
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
32
ns
VDRIVE above 2.3 V
t11
15
ns
RD high pulse width
t12
22
ns
CS high pulse width (see Figure 5); CS and RD linked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com