Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7607 Datasheet HTML 11Page - Analog Devices AD7607 Datasheet HTML 12Page - Analog Devices AD7607 Datasheet HTML 13Page - Analog Devices AD7607 Datasheet HTML 14Page - Analog Devices AD7607 Datasheet HTML 15Page - Analog Devices AD7607 Datasheet HTML 16Page - Analog Devices AD7607 Datasheet HTML 17Page - Analog Devices AD7607 Datasheet HTML 18Page - Analog Devices AD7607 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 14 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–160
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
90
100
INPUT FREQUENCY (kHz)
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±10V RANGE
SNR: 85.07dB
THD: –107.33dB
16,384 POINT FFT
fIN = 1kHz
Figure 9. FFT ± 10 V Range
–160
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
90
100
INPUT FEQUENCY (kHz)
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±5V RANGE
SNR: 84.82dB
THD: –107.51dB
16,384 POINT FFT
fIN = 1kHz
Figure 10. FFT Plot ± 5 V Range
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
CODE
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±10V RANGE
Figure 11. Typical INL ± 10 V Range
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
CODE
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±10V RANGE
Figure 12. Typical DNL ± 10 V Range
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
CODE
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±5V RANGE
Figure 13. Typical INL ± 5 V Range
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
AVCC = VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200kSPS
TA = 25°C
±5V RANGE
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
Figure 14. Typical DNL ± 5 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com