Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7985 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7985
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7985 Datasheet HTML 9Page - Analog Devices AD7985 Datasheet HTML 10Page - Analog Devices AD7985 Datasheet HTML 11Page - Analog Devices AD7985 Datasheet HTML 12Page - Analog Devices AD7985 Datasheet HTML 13Page - Analog Devices AD7985 Datasheet HTML 14Page - Analog Devices AD7985 Datasheet HTML 15Page - Analog Devices AD7985 Datasheet HTML 16Page - Analog Devices AD7985 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 13 of 28
–3
–2
–1
0
1
2
3
4
0.1
1
10
100
FREQUENCY (MHz)
VS = +5V
G = +2
RL = 100Ω
VOUT = 20mV p-p
CL = 0pF
CL = 20pF
CL = 39pF
Figure 14. Small Signal Frequency Response vs. Capacitive Load
–50
FREQUENCY (MHz)
0.1
1
5
–60
–70
–90
–80
–100
–110
–120
RL = 100Ω, THIRD
RL = 1kΩ, SECOND
RL = 1kΩ, THIRD
RL = 100Ω, SECOND
VS = +5V
VOUT = 2V p-p
G = +1
Figure 15. Harmonic Distortion vs. Frequency, G = +1
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
5
FREQUENCY (MHz)
VS = +5V
VOUT = 2V p-p
G = +5
RL = 1kΩ, SECOND
RL = 1kΩ, THIRD
RL = 100Ω, THIRD
RL = 100Ω, SECOND
Figure 16. Harmonic Distortion vs. Frequency, G = +5
–100
–90
–80
–70
–60
–50
–40
–30
0.1
1
FREQUENCY (MHz)
VS = +5V
VOUT = 2V p-p
G = +10
5
RL = 100Ω, THIRD
RL = 1kΩ, THIRD
RL = 100Ω, SECOND
RL = 1kΩ, SECOND
Figure 17. Harmonic Distortion vs. Frequency, G = +10
–50
FREQUENCY (MHz)
0.1
1
5
–60
–70
–80
–90
–100
–110
–120
8V p-p THIRD
8V p-p SECOND
4V p-p SECOND
4V p-p THIRD
2V p-p SECOND
2V p-p THIRD
VS = ±5V
G = +1
RL = 1kΩ
Figure 18. Harmonic Distortion vs. Frequency for Various Output Voltages
0.1
1
5
–130
–120
–110
–100
–90
–80
–70
–60
–50
G = +2
FREQUENCY (MHz)
VS = +3V,
SECOND
VS = +3V,
THIRD
VS = ±5V,
THIRD
VS = +5V,
SECOND
VS = +5V,
THIRD
VS = ±5V,
SECOND
Figure 19. Harmonic Distortion vs. Frequency for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com