Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7985 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7985
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985 Datasheet(HTML) 2 Page - Analog Devices

  AD7985 Datasheet HTML 1Page - Analog Devices AD7985 Datasheet HTML 2Page - Analog Devices AD7985 Datasheet HTML 3Page - Analog Devices AD7985 Datasheet HTML 4Page - Analog Devices AD7985 Datasheet HTML 5Page - Analog Devices AD7985 Datasheet HTML 6Page - Analog Devices AD7985 Datasheet HTML 7Page - Analog Devices AD7985 Datasheet HTML 8Page - Analog Devices AD7985 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Supply ................................................................................... 3
+5 V Supply ................................................................................... 5
+3 V Supply ................................................................................... 7
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
Maximum Power Dissipation ..................................................... 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Typical Performance Characteristics ........................................... 12
Theory of Operation ...................................................................... 18
Amplifier Description................................................................ 18
Input Protection ......................................................................... 18
Disable Operation ...................................................................... 18
DC Errors .................................................................................... 19
Noise Considerations................................................................. 19
Capacitance Drive ...................................................................... 20
Applications Information .............................................................. 21
Typical Performance Values...................................................... 21
Low Noise Gain Selectable Amplifier...................................... 22
Medical Ultrasound Applications ............................................ 23
Layout Considerations............................................................... 24
Ground Plane.............................................................................. 24
Power Supply Bypassing ............................................................ 24
Outline Dimensions ....................................................................... 25
Ordering Guide .......................................................................... 27
REVISION HISTORY
7/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com