Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADL5565
Rev. 0 | Page 13 of 28
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
3.3V, –40°C
3.3V, +25°C
3.3V, +85°C
3.3V, +100°C
5V, –40°C
5V, +25°C
5V, +85°C
5V, +100°C
Figure 15. IMD3 vs. Frequency, Over Temperature, Output Level at
2 V p-p Composite, RL = 200 Ω, AV = 6 dB, VPOS = 3.3 V and VPOS = 5 V,
Four Temperatures
25
30
35
40
45
50
55
0
50
100
150
200
250
FREQUENCY (MHz)
AV = 5.3dB
AV = 10.3dB
AV = 13dB
Figure 16. Single-Ended OIP3 vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
–180
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2, 3.3V, AV = 6dB
HD2, 3.3V, AV = 12dB
HD2, 3.3V, AV = 15.5dB
HD2, 5V, AV = 6dB
HD2, 5V, AV = 12dB
HD2, 5V, AV = 15.5dB
HD3, 3.3V, AV = 6dB
HD3, 3.3V, AV = 12dB
HD3, 3.3V, AV = 15.5dB
HD3, 5V, AV = 6dB
HD3, 5V, AV = 12dB
HD3, 5V, AV = 15.5dB
Figure 17. Harmonic Distortion (HD2/HD3) vs. Frequency,
Output Level at 2 V p-p Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–140
–120
–100
–80
–60
–40
–20
0
–180
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2, 5V, –40°C
HD2, 5V, +25°C
HD2, 5V, +85°C
HD2, 5V, +100°C
HD2, 3.3V, –40°C
HD2, 3.3V, +25°C
HD2, 3.3V, +85°C
HD2, 3.3V, +100°C
HD3, 5V, –40°C
HD3, 5V, +25°C
HD3, 5V, +85C
HD3, 5V, +100°C
HD3, 3.3V, –40°C
HD3, 3.3V, +25°C
HD3, 3.3V, +85°C
HD3, 3.3V, +100°C
Figure 18. Harmonic Distortion (HD2/HD3) vs. Frequency, Over Temperature,
Output Level at 2 V p-p Composite, RL = 200 Ω, AV = 6 dB, VPOS = 3.3 V and
VPOS = 5 V, Four Temperatures
POUT/TONE (dBm)
–140
–120
–100
–80
–60
–40
–20
0
–200
–180
–160
–140
–120
–100
–80
–60
–6
–4
–2
02
468
10
3.3V, HD2
5V, HD2
3.3V, HD3
5V, HD3
Figure 19. Harmonic Distortion vs. Output Power per Tone,
Frequency = 100 MHz, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–120
–100
–80
–60
–40
–20
0
1.0
1.5
2.0
2.5
3.0
VCOM
HD2, 5V
HD3, 5V
HD2, 3.3V
HD3, 3.3V
Figure 20. Harmonic Distortion (HD2/HD3) vs. VCOM,
AV = 6 dB, VPOS = 3.3 V and VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com