Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT83704 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT83704
Description  836.5MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT83704 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT83704 Datasheet HTML 1Page - SIPAT Co,Ltd LBT83704 Datasheet HTML 2Page - SIPAT Co,Ltd LBT83704 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT83704
Rev. Date
2011-07-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
836.5MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83704
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
836.5
-
Insertion Loss(824~849MHz)
dB
-
3.1
3.8
Passband Variation(824~849MHz)
dB
-
1
1.8
Input/Output VSWR(824~849MHz)
-
-
1.6
2
869~894MHz
dB
25
29
-
Ultimate Rejection
920~2000MHz
dB
32
51
-
Material Temperature coefficient
KHz/°C
-26.8
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-30
-
+85
Storage Temperature Range
°C
-40
-
+100
DC Voltage
V
0
Input Power
dBm
-
-
15
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT83704

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
836.5MHz SAW Filter 25MHz Bandwidth
More results

Similar Description - LBT83704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP83701 ETC2-SP83701 Datasheet
545Kb / 8P
836.5MHz RF SAW Filter 25MHz Bandwidth
logo
SIPAT Co,Ltd
LBN07702 SIPAT-LBN07702 Datasheet
142Kb / 3P
76.8MHz SAW Filter 25MHz Bandwidth
LBN09610 SIPAT-LBN09610 Datasheet
148Kb / 3P
96MHz SAW Filter 25MHz Bandwidth
SP83701 SIPAT-SP83701 Datasheet
545Kb / 8P
836.5MHz RF SAW Filter 25MHz Bandwidth
LBN16051 SIPAT-LBN16051 Datasheet
193Kb / 3P
160MHz SAW Filter 25MHz Bandwidth
LBN14047 SIPAT-LBN14047_10 Datasheet
150Kb / 3P
140MHz SAW Filter 25MHz Bandwidth
LBN16051 SIPAT-LBN16051 Datasheet
193Kb / 3P
160MHz SAW Filter 25MHz Bandwidth
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
836.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1691A TAI-SAW-TA1691A Datasheet
223Kb / 8P
SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com