Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT83704 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT83704
Description  836.5MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT83704 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT83704 Datasheet HTML 1Page - SIPAT Co,Ltd LBT83704 Datasheet HTML 2Page - SIPAT Co,Ltd LBT83704 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT83704
Rev. Date
2011-07-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
836.5MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83704
Typical Performance
Frequency Response
Passband Response
740
760
780
800
820
840
860
880
900
920
-92.1264
-82.1264
-72.1264
-62.1264
-52.1264
-42.1264
-32.1264
-22.1264
-12.1264
-2.1264
7.8736
Type Performance
Frequency(MHz)
810
820
830
840
850
860
-4.6264
-4.1264
-3.6264
-3.1264
-2.6264
-2.1264
-1.6264
-1.1264
-0.6264
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
810
815
820
825
830
835
840
845
850
855
860
-60
-40
-20
0
20
40
60
80
100
120
140
X: 824
Y: 53.14
Type Performance
Frequency(MHz)
X: 849
Y: 44.41
810
815
820
825
830
835
840
845
850
855
860
-50
-40
-30
-20
-10
0
10
20
30
40
X: 824
Y: 7.412
Type Performance
Frequency(MHz)
X: 849
Y: 4.88
Horizontal: 5MHz/Div
Vertical: 20ns/Div
Horizontal: 5MHz/Div
Vertical: 10deg/Div
Input VSWR(f0±12.5MHz)
Output VSWR(f0±12.5MHz)
800
810
820
830
840
850
860
870
0.5
1
1.5
2
2.5
X: 824
Y: 1.188
Type Performance (VSWR1)
Frequency(MHz)
X: 849
Y: 1.28
800
810
820
830
840
850
860
870
0.5
1
1.5
2
2.5
X: 824
Y: 1.181
Type Performance (VSWR2)
Frequency(MHz)
X: 849
Y: 1.258



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com