Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG5205-AS21 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHG5205-AS21
Description  High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5205-AS21 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHG5205-AS21 Datasheet HTML 1Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 2Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 3Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 4Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 5Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 6Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 7Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 8Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83011
Rev. 1.6, 03-Jun-09
Vishay Semiconductors
TLHG520., TLHR520., TLHY520.
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmin./IVmax. ≤ 0.5
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmin./IVmax. ≤ 0.5
ABSOLUTE MAXIMUM RATINGS 1) TLHR520. TLHY520. , TLHG520.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC Forward current
Tamb ≤ 65 °C
IF
30
mA
Surge forward current
tp ≤ 10 µs
IFSM
1A
Power dissipation
Tamb ≤ 65 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 20 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
350
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) TLHR520., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 10 mA
TLHR5200
IV
10
50
mcd
TLHR5201
IV
16
60
mcd
TLHR5205
IV
25
70
mcd
Dominant wavelength
IF = 10 mA
λ
d
612
625
nm
Peak wavelength
IF = 10 mA
λ
p
635
nm
Angle of half intensity
IF = 10 mA
ϕ
± 14
deg
Forward voltage
IF = 20 mA
VF
23
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) TLHY520., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity 2)
IF = 10 mA
TLHY5200
IV
10
50
mcd
Dominant wavelength
IF = 10 mA
λ
d
581
594
nm
Peak wavelength
IF = 10 mA
λ
p
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 14
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com