Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG5205-AS21 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHG5205-AS21
Description  High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5205-AS21 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHG5205-AS21 Datasheet HTML 1Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 2Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 3Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 4Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 5Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 6Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 7Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 8Page - Vishay Siliconix TLHG5205-AS21 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83011
Rev. 1.6, 03-Jun-09
Vishay Semiconductors
TLHG520., TLHR520., TLHY520.
For technical support, please contact: LED@vishay.com
Figure 5. Rel. Luminous Intensity vs. Ambient Temperature
Figure 6. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 7. Relative Luminous Intensity vs. Forward Current
0
0
0.4
0.8
1.2
1.6
95 10027
20
40
60
80
100
Tamb - Ambient Temperature (°C)
IF = 10 mA
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
red
0.01
0.1
1
10
IF - Forward Current (mA)
100
10
95 10029
red
1
Figure 8. Relative Intensity vs. Wavelength
Figure 9. Forward Current vs. Forward Voltage
Figure 10. Rel. Luminous Intensity vs. Ambient Temperature
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
λ - Wavelength (nm)
1.0
red
0.1
1
10
100
1000
10
8
6
4
2
0
95 10030
VF - Forward Voltage (V)
yellow
t p/T=0.001
t p =10 µs
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature (°C)
yellow
IF = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com