Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8DSLP-100L Datasheet(PDF) 5 Page - Protek Devices

Part # EM8DSLP-100L
Description  EMI FILTER/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM8DSLP-100L Datasheet(HTML) 5 Page - Protek Devices

  EM8DSLP-100L Datasheet HTML 1Page - Protek Devices EM8DSLP-100L Datasheet HTML 2Page - Protek Devices EM8DSLP-100L Datasheet HTML 3Page - Protek Devices EM8DSLP-100L Datasheet HTML 4Page - Protek Devices EM8DSLP-100L Datasheet HTML 5Page - Protek Devices EM8DSLP-100L Datasheet HTML 6Page - Protek Devices EM8DSLP-100L Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05274.R3 4/11
Page 5
EM8DSLP-100L
Dfn-16SLP(LoW PRofiLE) PackagE infoRMation
P1
P2
Pin 1 Reference
TOP VIEW
END VIEW
p
P3
L3
SIDE VIEW
L1
BOTTOM VIEW
G2
G4
G1
L2
1
8
10
9
A
B
C
D
E
F
A1
K
outLinE DiMEnSionS
DiM
MiLLiMEtERS
inchES
Min
MaX
Min
MaX
P1
3.20
3.40
0.126
0.134
P2
1.25
1.45
0.049
0.057
P3
0.45
0.60
0.018
0.024
L1
0.19
0.28
0.007
0.011
L2
0.23
0.30
0.009
0.012
L3
0.13
0.18
0.005
0.007
p
0.40 BSC
0.016 BSC
G1
2.70
2.90
0.106
0.114
G2
0.35
0.45
0.014
0.018
G4
0.25
0.35
0.010
0.014
A1
0.00
0.05
0.00
0.002
K
0.33
0.40
0.013
0.016
notES
1. Controlling dimension: millimeters.
2. Dimensioning and tolerances per ANSI Y14.M, 1985.
3. Dimension L1 applies to terminal and is measured between 0.25 and
0.30mm from terminal.
4. Coplanarity applies to the exposed pad as well as the terminals.
PaD Layout DiMEnSionS
DiM
MiLLiMEtERS
inchES
Min
MaX
Min
MaX
A
1.56
1.76
0.061
0.069
B
2.10
2.30
0.083
0.091
C
0.51
0.61
0.020
0.024
D
0.40 BSC
0.016 BSC
E
0.25
0.35
0.010
0.014
F
0.20
0.30
0.008
0.012
notES
1. Controlling dimension: millimeters.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com