Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8DSLP-100L Datasheet(PDF) 2 Page - Protek Devices

Part # EM8DSLP-100L
Description  EMI FILTER/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM8DSLP-100L Datasheet(HTML) 2 Page - Protek Devices

  EM8DSLP-100L Datasheet HTML 1Page - Protek Devices EM8DSLP-100L Datasheet HTML 2Page - Protek Devices EM8DSLP-100L Datasheet HTML 3Page - Protek Devices EM8DSLP-100L Datasheet HTML 4Page - Protek Devices EM8DSLP-100L Datasheet HTML 5Page - Protek Devices EM8DSLP-100L Datasheet HTML 6Page - Protek Devices EM8DSLP-100L Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05274.R3 4/11
Page 2
EM8DSLP-100L
tyPicaL DEvicE chaRactERiSticS
MaXiMuM RatingS @ 25°c unless otherwise Specified
PaRaMEtER
SyMBoL
vaLuE
unitS
Operating Temperature
T
A
-40 to 85
°C
Storage Temperature
T
STG
-55 to 150
°C
DC Power per Resistor
P
400
mW
Typical Resistance for 10 seconds
R
100
OHMs
Soldering Temperature for 10 seconds
T
L
265
°C
ELEctRicaL chaRactERiSticS PER LinE @ 25°c unless otherwise Specified
PaRt
nuMBER
DEvicE
MaRking
RatED
StanD-off
voLtagE
v
WM
voLtS
MiniMuM
BREakDoWn
voLtagE
@ 1ma
v
(BR)
voLtS
MaXiMuM
REvERSE
LEakagE
cuRREnt
@ 3v
i
D
µa
tyPicaL
foRWaRD
voLtagE
@ 10ma
v
f
voLtS
MiniMuM
attEnuation
@
800-3000 Mhz
dB
cut-off
fREquEncy
(50 ohMS i/o)
zERo BiaS
fc
Mhz
tyPicaL
caPacitancE
(note 1)
@2.5v, 1Mhz
c
pf
EM8DSLP-100L
8SLP
5.0
6.0
0.1
0.8
25
150
20
notES
1. 32pF @ 0V, 1MHz, ± 20% tolerance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com