Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011SC-T13 Datasheet(PDF) 5 Page - Protek Devices

Part # PA2011SC-T13
Description  Low RDSON SPDT Analog Switch.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011SC-T13 Datasheet(HTML) 5 Page - Protek Devices

  PA2011SC-T13 Datasheet HTML 1Page - Protek Devices PA2011SC-T13 Datasheet HTML 2Page - Protek Devices PA2011SC-T13 Datasheet HTML 3Page - Protek Devices PA2011SC-T13 Datasheet HTML 4Page - Protek Devices PA2011SC-T13 Datasheet HTML 5Page - Protek Devices PA2011SC-T13 Datasheet HTML 6Page - Protek Devices PA2011SC-T13 Datasheet HTML 7Page - Protek Devices PA2011SC-T13 Datasheet HTML 8Page - Protek Devices PA2011SC-T13 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
5
PA2011
Low RDSON SPDT Analog Switch.
95040 Rev.3. 10/11
NOT FOR USE IN LIFE SUPPORT SYSTEMS
90
80
70
60
50
40
30
20
10
0
tON V+ = 2 V
tON V+ = 3 V
tOFF V+ = 2 V
tOFF V+ = 3 V
tOFF V+ = 3.3 V
tON V+ = 3.3 V
10
0
10
20
30
40
50
60
70
80
90
LOSS
XTALK
OIRR
V+ = 3.3 V
RL = 50
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
100 K
1 M
10 M
100 M
1 G
Frequency (Hz)
Switching Time vs. Temperature and Supply Voltage
Insertion Loss, Off-Isolation,
Crosstalk vs.Frequency
3.0
30
2.5
20
2.0
10
V+ = 2 V
V+ = 3.3 V
1.5
0
V+ = 3 V
1.0
10
0.5
20
0.0
0
1
2
3
4
5
6
7
V+
– Supply Voltage (V)
Switching Threshold vs. Supply Voltage
30
0
1
2
3
4
5
6
VCOM – Analog Voltage (V)
Charge Injection vs. Analog Voltage
Typical Characteristics TA = 25 °C, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com