Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011SC-T13 Datasheet(PDF) 6 Page - Protek Devices

Part # PA2011SC-T13
Description  Low RDSON SPDT Analog Switch.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011SC-T13 Datasheet(HTML) 6 Page - Protek Devices

  PA2011SC-T13 Datasheet HTML 1Page - Protek Devices PA2011SC-T13 Datasheet HTML 2Page - Protek Devices PA2011SC-T13 Datasheet HTML 3Page - Protek Devices PA2011SC-T13 Datasheet HTML 4Page - Protek Devices PA2011SC-T13 Datasheet HTML 5Page - Protek Devices PA2011SC-T13 Datasheet HTML 6Page - Protek Devices PA2011SC-T13 Datasheet HTML 7Page - Protek Devices PA2011SC-T13 Datasheet HTML 8Page - Protek Devices PA2011SC-T13 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
6
PA2011
Low RDSON SPDT Analog Switch.
95040 Rev.3. 10/11
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Switch
Input
V+
V+
NO or NC
IN
COM
Switch Output
RL
CL
VOUT
+ 3 V
0 V
50%
tr < 5 ns
tf < 5 ns
0.9 x VOUT
Logic
Input
GND
0 V
300
35 pF
0 V
tON
tOFF
R
L
VNO
VNC
NO
NC
V+
V+
COM
RL
CL
VO
300
35 pF
IN
GND
VO
0 V
V+
Vgen
+
Rgen
3 V
NC or NO
IN
V+
GND
COM
VOUT
CL
VOUT
IN
On
V
OUT
Off
On
Q =
V
OUT x CL
Logic
Input
Switch
Output
CL (includes fixture and stray capacitance)
R
L
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
VOUT = VCOM
+ RON
Figure 1. Switching Time
Logic
Input
3 V
0 V
tr <5 ns
tf <5 ns
VNC = VNO
Switch
Output
90%
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make Interval
Figure 3. Charge Injection
IN depends on switch configuration: input polarity
determined by sense of switch.
Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com