Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5388 Datasheet(PDF) 11 Page - Protek Devices

Part # PA5388
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5388 Datasheet(HTML) 11 Page - Protek Devices

Back Button PA5388 Datasheet HTML 7Page - Protek Devices PA5388 Datasheet HTML 8Page - Protek Devices PA5388 Datasheet HTML 9Page - Protek Devices PA5388 Datasheet HTML 10Page - Protek Devices PA5388 Datasheet HTML 11Page - Protek Devices PA5388 Datasheet HTML 12Page - Protek Devices PA5388 Datasheet HTML 13Page - Protek Devices PA5388 Datasheet HTML 14Page - Protek Devices PA5388 Datasheet HTML 15Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5388
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95256 Rev.0. 05/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Reg. 23 DACLRSWAP
DACLRP
DACWL
DACFORMAT
Reg. 24
DACFsMode
DACFsRatio
Reg. 25
DACRampRate
DACSoftRamp
DACZeroCrs
DACLeR
DACMute
AutoMute
Reg. 26
DACVolumeL (LDACVOL)
Reg. 27
DACVolumeR (RDACVOL)
Reg. 28
DeemphasisMode
DAC_invL
DAC_invR
ClickFree
Reg. 29
ZeroL
ZeroR
Mono
SE
Vpp_scale
Reg. 30
Shelving_a[29:24]
Reg. 31
Shelving_a[23:16]
Reg. 32
Shelving_a[15:8]
Reg. 33
Shelving_a[7:0]
Reg. 34
Shelving_b[29:24]
Reg. 35
Shelving_b[23:16]
Reg. 36
Shelving_b[15:8]
Reg. 37
Shelving_b[7:0]
Reg. 38
LMIXSEL
RMIXSEL
Reg. 39
LD2LO
LI2LO
LI2LOVOL
Reg. 40
RD2LO
RI2LO
RI2LOVOL
Reg. 41
LD2RO
LI2RO
LI2ROVOL
Reg. 42
RD2RO
RI2RO
RI2ROVOL
Reg. 43
LD2MO
LI2MO
LI2MOVOL
Reg. 44
RD2MO
RI2MO
RI2MOVOL
Reg. 45
ROUT2INV
OUT3SW
VROI
HPSWEN
HPSWPOL
MOUTINV
Reg. 46
LOUT1VOL
Reg. 47
ROUT1VOL
Reg. 48
LOUT2VOL
Reg. 49
ROUT2VOL
Reg. 50
MONOOUTVOL
Reg. 51
hpLout1_ref1
hpLout1_ref2
hpRout1_ref1
hpRout1_ref2
hpOut3_ref1
hpOut3_ref2
hpMono_ref1 hpMono_ref2
Reg. 52 spkLout2_ref1
spkLout2_ref2 spkRout2_ref1 spkRout2_ref2
mixer_ref1
mixer_ref2
MREF1
MREF2
CHIP CONTROL AND POWER MANAGEMENT
Register 0
– Chip Control 1, Default 0000 0110
Bit Name
Bit
Description
SCPReset
7
0
– normal (default)
1
– reset control port register to default
LRCM
6
0
– ALRCK disabled when both ADC disabled; DLRCK disabled when both DAC disabled (default)
1
– ALRCK and DLRCK disabled when all ADC and DAC disabled
DACMCLK
5
0
– when SameFs=1, ADCMCLK is the chip master clock source (default)
1
– when SameFs=1, DACMCLK is the chip master clock source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com