Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5388 Datasheet(PDF) 13 Page - Protek Devices

Part # PA5388
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5388 Datasheet(HTML) 13 Page - Protek Devices

Back Button PA5388 Datasheet HTML 9Page - Protek Devices PA5388 Datasheet HTML 10Page - Protek Devices PA5388 Datasheet HTML 11Page - Protek Devices PA5388 Datasheet HTML 12Page - Protek Devices PA5388 Datasheet HTML 13Page - Protek Devices PA5388 Datasheet HTML 14Page - Protek Devices PA5388 Datasheet HTML 15Page - Protek Devices PA5388 Datasheet HTML 16Page - Protek Devices PA5388 Datasheet HTML 17Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5388
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95256 Rev.0. 05/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
1
– microphone bias power down (high impedance output, default)
PdnADCBiasgen
2
0
– normal
1
– power down (default)
flashLP
1
0
– normal (default)
1
– flash ADC low power
int1LP
0
0
– normal (default)
1
– int1 low power
Register 4
– DAC Power Management, Default 1100 0000
Bit Name
Bit
Description
PdnDACL
7
0
– left DAC power up
1
– left DAC power down (default)
PdnDACR
6
0
– right DAC power up
1
– right DAC power down (default)
LOUT1
5
0
– LOUT1 disabled (default)
1
– LOUT1 enabled
ROUT1
4
0
– ROUT1 disabled (default)
1
– ROUT1 enabled
LOUT2
3
0
– LOUT2 disabled (default)
1
– LOUT2 enabled
ROUT2
2
0
– ROUT2 disabled (default)
1
– ROUT2 enabled
MONO
1
0
– MOUT disabled (default)
1
– MOUT enabled
OUT3
0
0
– OUT3 disabled (default)
1
– OUT3 enabled
Register 5
– Chip Low Power 1, Default 0000 0000
Bit Name
Bit
Description
LPDACL
7
0
– normal (default)
1
– low power
LPDACR
6
0
– normal (default)
1
– low power
LPLOUT1
5
0
– normal (default)
1
– low power
OC[2]
4
0
– over current setting (default)
1
– over current setting
LPLOUT2
3
0
– normal (default)
1
– low power
OC[3]
2
0
– over current setting (default)
1
– over current setting
LPMONO
1
0
– normal (default)
1
– low power
LPOUT3
0
0
– normal (default)
1
– low power
Register 6
– Chip Low Power 2, Default 0000 0000
Bit Name
Bit
Description
LPPGA
7
0
– normal (default)
1
– low power
LPLMIX
6
0
– normal (default)
1
– low power
LPRMIX
5
0
– normal (default)
1
– low power
LPMMIX
4
0
– normal (default)
1
– low power
LPMOUTINV
3
0
– normal (default)
1
– low power
LPOUT2INV
2
0
– normal (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com