Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM15ST4305 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM15ST4305
Description  500 WATT LOW CAPACITANCE STEERING KIODE/TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM15ST4305 Datasheet(HTML) 1 Page - Protek Devices

  PAM15ST4305 Datasheet HTML 1Page - Protek Devices PAM15ST4305 Datasheet HTML 2Page - Protek Devices PAM15ST4305 Datasheet HTML 3Page - Protek Devices PAM15ST4305 Datasheet HTML 4Page - Protek Devices PAM15ST4305 Datasheet HTML 5Page - Protek Devices PAM15ST4305 Datasheet HTML 6Page - Protek Devices PAM15ST4305 Datasheet HTML 7Page - Protek Devices PAM15ST4305 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05359.R0 12/11
Page 1
PAM15ST4305
500 WATT loW cAPAciTAnce STeeRing diode/TVS ARRAy
deScRiPTion
The PAM15ST4305 is a low capacitance steering diode TVS array, designed to protect two I/O lines from the effects of
Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The PAM15ST4305 exceeds Level 4 IEC 61000-4-2,
with a peak pulse power rating of 500 Watts for an 8/20µs waveshape.
The low capacitance of the steering diode allows the designer to protect automotive applications. The small SOT-
143 package, with four leads reduces the internal lead inductance for low overshoot voltage during fast front time
transient events, such as ESD and EFT. The PAM15ST4305 meet the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5
requirements.
FeATuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3 (Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Protects Two I/O Ports & Power Supply
• Low Capacitance: 10pF
• RoHS Compliant
• REACH Compliant
MechAnicAl chARAcTeRiSTicS
• Molded JEDEC SOT-143 Package
• Approximate Weight: 9 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlicATionS
• Automotive Applications
SoT-143 PAckAge
Pin conFiguRATion
3
4
1
2
GND
I/O
REF
I/O


Similar Part No. - PAM15ST4305

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM15ST4305 PROTEC-PAM15ST4305_15 Datasheet
671Kb / 8P
500 WATT LOW CAPACTANCE STEERING
More results

Similar Description - PAM15ST4305

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR05 PROTEC-PSR05_10 Datasheet
735Kb / 9P
500 WATT low capacitance steering diode/TVS array
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
500 WATT low capacitance steering diode/TVS ARRAY
SR12 PROTEC-SR12_10 Datasheet
648Kb / 8P
500 WATT low capacitance steering diode/TVS array
PSR05 PROTEC-PSR05_12 Datasheet
736Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B_12 Datasheet
514Kb / 6P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR12 PROTEC-SR12_12 Datasheet
649Kb / 8P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4_12 Datasheet
931Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-4A PROTEC-PSRDAXX-4A Datasheet
397Kb / 6P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com