Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM15ST4305 Datasheet(PDF) 2 Page - Protek Devices

Part # PAM15ST4305
Description  500 WATT LOW CAPACITANCE STEERING KIODE/TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM15ST4305 Datasheet(HTML) 2 Page - Protek Devices

  PAM15ST4305 Datasheet HTML 1Page - Protek Devices PAM15ST4305 Datasheet HTML 2Page - Protek Devices PAM15ST4305 Datasheet HTML 3Page - Protek Devices PAM15ST4305 Datasheet HTML 4Page - Protek Devices PAM15ST4305 Datasheet HTML 5Page - Protek Devices PAM15ST4305 Datasheet HTML 6Page - Protek Devices PAM15ST4305 Datasheet HTML 7Page - Protek Devices PAM15ST4305 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05359.R0 12/11
Page 2
PAM15ST4305
TyPicAl deVice chARAcTeRiSTicS
MAXiMuM RATingS @ 25°c unless otherwise Specified
PARAMeTeR
SyMBol
VAlue
uniTS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Peak Forward Voltage - I
F = 1A, 8/20µs
V
F
1.5
Volts
elecTRicAl chARAcTeRiSTicS PeR line @ 25°c unless otherwise Specified
PART
nuMBeR
deVice
MARking
RATed
STAnd-oFF
VolTAge
V
WM
VolTS
MiniMuM
BReAkdoWn
VolTAge
@ 1mA
V
(BR)
VolTS
MAXiMuM
clAMPing
VolTAge
(Fig. 2)
@ i
P = 1A
V
c
VolTS
MAXiMuM
clAMPing
VolTAge
(Fig. 2)
@ 8/20µs
V
c @ iPP
VolTS
MAXiMuM
leAkAge
cuRRenT
@ V
WM
i
d
µA
MAXiMuM
cAPAciTAnce
PeR line
(note 1)
(Fig. 5)
0V, 1Mhz
c
j(Sd)
pF
PAM15ST4305
5A
5.0
6.0
9.8
20.0V @ 28.0A
5
10
noTeS
1. As shown in Figure 5, REF 1 is connected to ground, REF 2 is connected to +V
CC and input applies to VCC = 5V, VSIGN = 30mV, F = 1MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com