Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8C Datasheet(PDF) 2 Page - Protek Devices

Part # PRSB6.8C
Description  LOW CAPACITANCE MINIATURE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Datasheet(HTML) 2 Page - Protek Devices

  PRSB6.8C Datasheet HTML 1Page - Protek Devices PRSB6.8C Datasheet HTML 2Page - Protek Devices PRSB6.8C Datasheet HTML 3Page - Protek Devices PRSB6.8C Datasheet HTML 4Page - Protek Devices PRSB6.8C Datasheet HTML 5Page - Protek Devices PRSB6.8C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05224.R13 6/11
Page 2
PRSB6.8C
tYPiCal DeViCe ChaRaCteRiStiCS
maXimum RatinGS @ 25°C unless otherwise Specified
PaRameteR
SYmBol
Value
unitS
Operating Temperature
T
OPR
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Junction Temperature
T
A
150
°C
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
10
Watts
Power Dissipation
P
150
mW
eleCtRiCal ChaRaCteRiStiCS PeR line @ 25°C unless otherwise Specified
PaRt
numBeR
DeViCe
maRkinG
RateD
StanD-oFF
VoltaGe
V
wm
VoltS
minimum
BReakDown
VoltaGe
@ 1ma
V
(BR)
VoltS
maXimum
leakaGe
CuRRent
@ 3.5V
i
D
µa
tYPiCal
CaPaCitanCe
@0V, 1mhz
C
pF
PRSB6.8C
A
4.7
5.7
1.0
15
FiGuRe 1
Peak PulSe PoweR VS PulSe time
t
d - Pulse Duration - µs
10W, 10/1000µs
Waveform
0.1
1
10
100
1,000
10,000
100,000
1
10
100
1,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com