Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8C Datasheet(PDF) 4 Page - Protek Devices

Part # PRSB6.8C
Description  LOW CAPACITANCE MINIATURE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Datasheet(HTML) 4 Page - Protek Devices

  PRSB6.8C Datasheet HTML 1Page - Protek Devices PRSB6.8C Datasheet HTML 2Page - Protek Devices PRSB6.8C Datasheet HTML 3Page - Protek Devices PRSB6.8C Datasheet HTML 4Page - Protek Devices PRSB6.8C Datasheet HTML 5Page - Protek Devices PRSB6.8C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05224.R13 6/11
Page 4
PRSB6.8C
DFn-2-0402 PaCkaGe inFoRmation
oPtion 1 - outline DimenSionS
Dim
millimeteRS
inCheS
min
maX
min
maX
A
0.99
1.04
0.039
0.041
B
0.58
0.64
0.023
0.025
C
0.43
0.48
0.017
0.019
H
0.13
0.18
0.005
0.007
L1
0.28
0.33
0.011
0.013
L2
0.23
0.28
0.009
0.011
L3
0.23
0.28
0.009
0.011
L4
0.18
0.23
0.007
0.009
noteS
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: inches.
oPtion 1 - PaD laYout DimenSionS
Dim
millimeteRS
inCheS
min
maX
min
maX
A
0.737
0.787
0.029
0.031
B
0.331
0.381
0.013
0.015
C
0.356
0.406
0.014
0.016
E
1.423
1.523
0.056
0.060
F
0.534
0.584
0.021
0.023
noteS
1. Controlling dimension: inches.
2. Decimal tolerances for mounting pad: ±0.003” (±0.08 mm).
A
L1
L2
L3
1
2
TOP
BOTTOM
A
E
F
Solder Print Diameter
0.010” - 0.012”
B
C
C
END
B
L4
H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com