Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8CT Datasheet(PDF) 1 Page - Protek Devices

Part # PRSB6.8CT
Description  LOW CAPACITANCE MINIATURE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8CT Datasheet(HTML) 1 Page - Protek Devices

  PRSB6.8CT Datasheet HTML 1Page - Protek Devices PRSB6.8CT Datasheet HTML 2Page - Protek Devices PRSB6.8CT Datasheet HTML 3Page - Protek Devices PRSB6.8CT Datasheet HTML 4Page - Protek Devices PRSB6.8CT Datasheet HTML 5Page - Protek Devices PRSB6.8CT Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05312.R1 3/11
Page 1
PRSB6.8CT
low CaPaCiTanCe miniaTuRe TVS aRRaY
DeSCRiPTion
The PRSB6.8CT is a transient voltage suppressor array (TVS) designed to protect applications such as wireless telecom-
munication devices, SMART phones and portable electronics. The PRSB6.8CT is available in a bidirectional configura-
tion with a working voltage of 4.7V and a minimum breakdown voltage of 5.7V. This device is rated for 10 Watt peak
pulse power using the 10/1000µs waveform, which is sufficient protection for tertiary type lightning threats at key
interface locations.
The PRSB6.8CT is also suited to protect data lines against ESD and EFT. This device meets the IEC 61000-4-2 and IEC
61000-4 requirements. At higher operating frequencies or faster edge rates, insertion loss and signal integrity are a
major concern. This device in conjunction with passive components integrated into a TVS/filter network can be used
for EMI/RFI protection.
FeaTuReS
• Compatible with IEC 61000-4-2 (ESD)
• Compatible with IEC 61000-4-4 (EFT)
• 10 Watts Peak Pulse Power per Line (tp =10/1000µs)
• Bidirectional Configuration
• Protects 1 Data Line
• Low Clamping Voltage
• Easy Placement for Manufacturing
• Low Capacitance
• RoHS Compliant
• REACH Compliant
meChaniCal ChaRaCTeRiSTiCS
• Molded JEDEC DFN-2-0402 Package
• Approximate Weight: 0.8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPliCaTionS
• Noise Suppression for Data Lines
• SMART Phones
• Portable Electronics
Pin ConFiGuRaTion
DFn-2 PaCkaGe
1
2


Similar Part No. - PRSB6.8CT

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
More results

Similar Description - PRSB6.8CT

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
low capacitance miniature TVS ARRAY
PAM17DF2L05C PROTEC-PAM17DF2L05C Datasheet
632Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_11 Datasheet
629Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_12 Datasheet
481Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_12 Datasheet
523Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com