Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1010 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P1010
Description  P1010 and P1014 low-power communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1010 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P1010 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1010 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Freescale QorIQ communications platforms
are the next-generation evolution of our
leading PowerQUICC communications
processors. Built using high-performance
Power Architecture® cores, QorIQ platforms
enable a new era of networking innovation
where the reliability, security and quality of
service for every connection matters.
QorIQ P1010 and P1014
Communications Processors
The QorIQ P1 platform series, which includes
the P1010 and P1014 communications
processors, offers the value of extensive
integration and extreme power smarts for
a wide variety of applications in the cost-
sensitive networking, network attached
storage, digital video surveillance and industrial
segments. Based on 45 nm technology for
low power implementation, the P1010 and
P1014 processors provide a single-core,
low-power solution for the 533 MHz to
800 MHz performance range, along with a
trusted security platform and a rich set of
interfaces. The P1010 and P1014 processors
are perfectly suited for network attached
storage, digital video surveillance applications,
cost-sensitive Ethernet switch controllers and
industrial/factory automation applications with
demanding power/thermal constraints.
The QorIQ P1010 and P1014 processors are
pin compatible. The P1014 is a more nimble
derivative of the P1010 and targets the more
cost-sensitive applications with a lower power
envelop and sensible set of features. The
P1010 adds trusted architecture and CAN
controllers for additional versatility in the
industrial segments. Scaling from 533 MHz
to 800 MHz on a single core, the P1010 and
P1014 deliver an impressive performance for
the low end of the QorIQ portfolio.
The devices in these two platforms are
software compatible, sharing the e500
Power Architecture core and peripherals,
as well as being fully software compatible
with the existing PowerQUICC processors.
This enables you to create a product with
multiple performance points from a single
board design. The QorIQ P1010 single
core processor supports a trusted platform
architecture that enables an end to end
secure boot and code signing capability to
protect the integrity of your firmware and
prevent unauthorized use. Furthermore, CAN
interfaces allow ease of implementation of
industrial protocols and an easier fit into cost-
sensitive industrial applications.
The P1010 and P1014 processors have an
advanced set of features for ease of use.
The 256 KB L2 cache offers incremental
performance and enables the implementation
of software fast path drivers to enhance
networking performance for IP forwarding,
NAT firewall and IP sec and achieve line rate
on most usage cases. The integrated security
engine supports the cryptographic algorithms
commonly used in IPsec, SSL, 3GPP and other
networking and wireless security protocols.
The trusted architecture included in the P1010
provides additional platform security and
prevents unauthorized usage or intrusion.
The memory controller offers future-proofing
against memory technology migration with
support for low-power DDR3. It also supports
error correction codes, a baseline requirement
for any high-reliability system.
QorIQ Communications Platforms
P1 Series
P1010 and P1014 low-power communications processors
QorIQ P1010 and P1014 Block Diagram
32 KB
L1 I-Cache
Power Architecture®
e500 Core
32 KB
L1 D-Cache
256 KB
L2 Cache
DDR3/DDR3L SDRAM Controller
(16/32-bit for the P1010
16-bit only for the P1014)
Coherency Module
System Bus
4-ch. DMA
4-ch. DMA
2 x PCI Express®
On-Chip Network
On-Chip Network
6-lane SerDes
Security
Acceleration
(Trusted Boot
on P1010 Only)
XOR
2 x DUART, 2 X I2C, Timers,
Interrupt Control, SPI,
SD/MMC, GPIO
3 x Gigabit
Ethernet
(2 x on
P1014)
2 x
FlexCAN
(P1010
only)
USB 2.0/
ULPI with
Integrated
PHY
Flash Memory Controller (IFC)
Cores
TDM
2 x
SATA


Similar Part No. - P1010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1010 FREESCALE-P1010 Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1010 FREESCALE-P1010 Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1010 FREESCALE-P1010 Datasheet
209Kb / 2P
Communications Processors
P1010 FREESCALE-P1010 Datasheet
209Kb / 2P
Communications Processors
P1010 FREESCALE-P1010 Datasheet
209Kb / 2P
Communications Processors
More results

Similar Description - P1010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
P1010NXE5HHA FREESCALE-P1010NXE5HHA Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1010NXE5HFA FREESCALE-P1010NXE5HFA Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Communications Processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
communications processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
communications processors
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
P1010-RDB FREESCALE-P1010-RDB Datasheet
209Kb / 2P
QorIQ P1010 and P1014 Processor Block Diagram
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
Communications Processors
2014-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com