Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1010 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1010
Description  P1010 and P1014 low-power communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1010 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1010 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1010 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo and PowerQUICC are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off.
QorIQ is a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective
owners. The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are
trademarks and service marks licensed by Power.org. © 2010 Freescale Semiconductor, Inc.
Document Number: QP1010FS
REV 0
The QorIQ P1010 and P1014 processors
integrate a rich set of interfaces, including
SerDes, Gigabit Ethernet, PCI Express® CAN
controllers (P1010 only) and USB plus a
USB PHY. The three 10/100/1000 Ethernet
ports support advanced packet parsing, flow
control and quality of service features, as well
as IEEE® 1588 time stamping—all ideal for
managing the data path traffic between the
LAN and WAN interface. A TDM interface can
support voice for legacy phone applications.
Six SerDes lanes can be portioned across
two PCI Express ports, the Ethernet and SATA
ports for versatility and convenience. The PCI
Express ports can provide connectivity to
IEEE 802.11n radio cards for wireless support.
USB, SATA or SD/MMC interfaces can be
used to support local storage. An integrated
USB PHY lowers the application bill of
materials and provides proven performance.
Two DUARTs and dual FlexCAN interfaces
provide the flexibility required by demanding
industrial applications including factory
automation and control.
Target Applications
The P1010 and P1014 processors serve in
a wide variety of applications. The devices
are well-suited for low-cost networking and
network attached storage applications. With
an available junction temperature range of
-40ºC to +125ºC, the devices can be used in
power-sensitive industrial applications and
outdoor environments less protected from
the environment. The devices’ primary target
applications are networking attached storage
and digital video surveillance where read/write
performance to storage is paramount.
A low-cost router/switch application benefits
from the combination of high general purpose
performance as well as the networking
performance provide by the software fast
path networking drivers that accelerate
IP forwarding, NAT firewall and IP sec
applications to line rate on certain usage
models with low power. The P1010 and P1014
devices offer a scalable platform to develop
a range of products that can support the
same feature set. Integrated 10/100/1000
Ethernet controllers with classification and
QoS capabilities are ideal for managing the
traffic between the LAN and WAN interface.
PCI Express ports can provide connectivity to
IEEE 802.11n radio cards for wireless support,
TDM for legacy phone interfaces to support
voice, the USB, SATA or SD/MMC interfaces
can be used to support local or network
attached storage and the CAN interface can
be used to provide an interface for industrial
protocols. The integrated security engine can
provide encrypted secure communications
for remote users with VPN support and the
trusted platform provides an end to end
solution for secure boot and code signing.
Technical Specifications
• Singlee500core,builtonPower
Architecture technology
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB L1
data cache
533 MHz to 800 MHz core clock
frequency
• 256KBL2cachewithECC,also
configurable as SRAM and stashing
memory
• Three10/100/1000Mbpsenhancedthree-
speed Ethernet controllers (eTSECs)
TCP/IP acceleration and classification
capabilities
IEEE 1588 support
Lossless flow control
RGMII, SGMII
• High-speedinterfaces(notallavailable
simultaneously)
Six SerDes to 3.125 GHz multiplexed
across controllers
Two PCI Express controllers
Two SGMII interfaces
Two SATA interfaces
• OneUSBcontroller(USB2.0)with
integrated PHY, host, OTG and device
support
• Serialperipheralinterface
• Trustedbootplatform,integratedsecurity
engine (SEC 4.0)
Crypto algorithm support includes 3DES,
AES, RSA/ECC, MD5/SHA, ARC4,
Snow 3G, and FIPS deterministic RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 16/32-bitDDR3/DDR3LSDRAMmemory
controller with ECC support
• Four-channelDMAcontroller
• TwoI2C controllers, two DUARTs, timers
• Integratedflashcontroller(IFC)with
enhanced capabilities to support large
pages
• 32general-purposeI/Osignals
• Package:425-pinTEPBGA1,0.8mmpitch,
19 mm x 19 mm
Learn More: For current information about Freescale
products and documentation, please visit
freescale.com/QorIQ.
QorIQ Device
Top Core Frequency
L2 Size
DDR 3 Support
GE Ports
SATA
PCI Express®
Security
CAN
P1010
800 MHz
256 KB
16/32-bit @ 800 MHz
3
2
2
Trusted
2
P1014
800 MHz
256 KB
16-bit @ 800 MHz
2
2
2
No
No



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com