Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFE Datasheet(PDF) 1 Page - Emerson Network Power

Part # UFE
Description  UFE / UFR Series Up to 6000 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE Datasheet(HTML) 1 Page - Emerson Network Power

  UFE Datasheet HTML 1Page - Emerson Network Power UFE Datasheet HTML 2Page - Emerson Network Power UFE Datasheet HTML 3Page - Emerson Network Power UFE Datasheet HTML 4Page - Emerson Network Power UFE Datasheet HTML 5Page - Emerson Network Power UFE Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
UFE / UFR Series
Up to 6000 Watts
Special Features
• Rackmountedchassis(1U,19”)
• 3hotpluggablerectifiersper1U
chassis,upto4kWredundantor
6kWavailablepower
(180-264Vacinput)
• Upto2.6kWredundantor
3.9kWavailablepershelfat
90-132Vacinput
• Stackableto6Uhightoprovide
upto36kWavailablepower
• ClassBconductedEMIEN55022
(SeeNote1)
• Automaticfanspeedcontrolwith
faultreporting
• Auxiliarystandbyoutput,11Vat
approximately2.8W
• Highdensityupto22W/in3
• Highefficiencyupto91%
• Floatingaswellasisolatedmain
outputvoltageallowspositiveor
negativepolarityoperation
• EUdirective2002/95/EC
compliantforRoHS
• 2yearwarranty
• PMBuscompliant
Total Power:
Up to 6000 W
Input Voltage: 85-264Vac
# of Outputs:
Single+Aux
Output:
24V&48V
Safety
•VDEEN/IEC60950-1
•UL/cUL60950-1
Rev.06.14.11_47
UFE / UFR Series
1 of 6
ElectricalSpecifications
Allspecificationsaretypicalatnominalinput,fullloadat25°Cambientunlessotherwisestated.
Output
Output Power:
Mainoutput
Auxiliaryoutput
SeeTable1
11V±15%,2.875W
Lineregulation:
Lowlinetohighline
±0.15%max.
Loadregulation(activesharemode):
Fullloadtomin.load
±0.15%max.
Turn-on delay:
(SeeNote4)
5.0smax.
Ambienttemp.coefficient:
Atfullload,min.Vin
±0.005%/°C
Voltageadjustability:
AdjustablePMBuscommand
(SeeNote6)
48Vout
24Vout
42-57Vdc
21-28.5Vdc
Output setpoint accuracy:
±0.5%
Defaultoutputvoltage:
setting25ºC
48Vout(activedefault)
24Vout(activedefault)
48V±0.5%@41A
27V±0.5%@48A
Voltagedroop:
(operationsetPMBuscommand)
24Vout
48Vout
40.3mV/A±3.0%from
10Auptopowerlimit
80.6mV/A±3.0%from
10Auptopowerlimit
Total error band:
-40°Cto+70°C,FLrange
±1.0%max.
Overshoot/undershoot:
Mainoutput@turn-on/off
0%/0%
Rippleandnoise(20MHz):
Mainoutput,-5ºCandabove
Auxiliaryoutput
500mVpk-pk,150mVrms
400mVpk-pk,150mVrms
Dynamicregulation(exceptdroopmode):
Peakdev.,25%loadstepRecovery
time
2.5%max.
1msmax.
Currentsharing(SeeNote3):
(I1-I2)/ILIMITx100
15%max.


Similar Part No. - UFE

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE Datasheet
1Mb / 6P
3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
logo
Conquer Electronics Co....
UFE-A.160 CONQUER-UFE-A.160 Datasheet
238Kb / 1P
5.2Ø x 20 mm
UFE-A.200 CONQUER-UFE-A.200 Datasheet
238Kb / 1P
5.2Ø x 20 mm
UFE-A.250 CONQUER-UFE-A.250 Datasheet
238Kb / 1P
5.2Ø x 20 mm
UFE-A.315 CONQUER-UFE-A.315 Datasheet
238Kb / 1P
5.2Ø x 20 mm
More results

Similar Description - UFE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF1000 ETC1-AF1000 Datasheet
294Kb / 1P
AF1000 TO 6000
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
1000-6000 Watts HPS10/12/15 Series
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
UP TO 4 WATTS
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Powerbox
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
6000 WATTS PROGRAMMABLE DC SUPPLY
logo
Artesyn Technologies
UFE1300-96S24C1J ARTESYN-UFE1300-96S24C1J Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Teledyne Technologies I...
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
Wall Industries,Inc.
DCSERIES WALL-DCSERIES Datasheet
173Kb / 3P
UP TO 20 WATTS - DC SERIES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com